Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL26713FN Datasheet(PDF) 25 Page - OSRAM GmbH

Part # TSL26713FN
Description  Digital Proximity Detector
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL26713FN Datasheet(HTML) 25 Page - OSRAM GmbH

Back Button TSL26713FN Datasheet HTML 21Page - OSRAM GmbH TSL26713FN Datasheet HTML 22Page - OSRAM GmbH TSL26713FN Datasheet HTML 23Page - OSRAM GmbH TSL26713FN Datasheet HTML 24Page - OSRAM GmbH TSL26713FN Datasheet HTML 25Page - OSRAM GmbH TSL26713FN Datasheet HTML 26Page - OSRAM GmbH TSL26713FN Datasheet HTML 27Page - OSRAM GmbH TSL26713FN Datasheet HTML 28Page - OSRAM GmbH TSL26713FN Datasheet HTML 29Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 45 page
background image
Page 24
ams Datasheet
Document Feedback
[v1-00] 2016-Jul-12
TSL2671 − Register Description
Enable Register (0x00)
The ENABLE register is used to power the device on/off, enable
functions, and interrupts.
Figure 26:
Enable Register
Note(s):
1. See Power Management section for more information.
2. A minimum interval of 2.72 ms must pass after PON is asserted before proximity can be initiated. This required time is enforced by
the hardware in cases where the firmware does not provide it.
Proximity Time Control Register (0x02)
The proximity timing register controls the integration time of
the proximity ADC in 2.72 ms increments. It is recommended
that this register be programmed to a value of 0xFF
(1 integration cycle).
Figure 27:
Proximity Time Control Register
Field
Bits
Description
Reserved
7:6
Reserved. Write as 0.
PIEN
5
Proximity interrupt mask. When asserted, permits proximity interrupts to be generated.
Reserved
4
Reserved. Write as 0.
WEN
3
Wait enable. This bit activates the wait feature. Writing a 1 activates the wait timer.
Writing a 0 disables the wait timer.
PEN
2:1
Proximity enable. These bits activate the proximity function. Writing a 11b enables
proximity. Writing a 00b disables proximity. The Wait Time register should be
configured before asserting proximity enable.
PON (1) (2)
0
Power ON. This bit activates the internal oscillator to permit the timers and ADC
channel to operate. Writing a 1 activates the oscillator. Writing a 0 disables the
oscillator.
Field
Bits
Description
Value
Integ_Cycles
Time
Max Count
PTIME
7:0
0xFF
1
2.72 ms
1023
6
75
4
PON
2
31
0
ENABLE
Reserved
Resv
Reserved
Address
0x00
PIEN
WEN
PEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com