Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL26713FN Datasheet(PDF) 26 Page - OSRAM GmbH

Part # TSL26713FN
Description  Digital Proximity Detector
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL26713FN Datasheet(HTML) 26 Page - OSRAM GmbH

Back Button TSL26713FN Datasheet HTML 22Page - OSRAM GmbH TSL26713FN Datasheet HTML 23Page - OSRAM GmbH TSL26713FN Datasheet HTML 24Page - OSRAM GmbH TSL26713FN Datasheet HTML 25Page - OSRAM GmbH TSL26713FN Datasheet HTML 26Page - OSRAM GmbH TSL26713FN Datasheet HTML 27Page - OSRAM GmbH TSL26713FN Datasheet HTML 28Page - OSRAM GmbH TSL26713FN Datasheet HTML 29Page - OSRAM GmbH TSL26713FN Datasheet HTML 30Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 45 page
background image
ams Datasheet
Page 25
[v1-00] 2016-Jul-12
Document Feedback
TSL2671 − Register Description
Wait Time Register (0x03)
Wait time is set 2.72 ms increments unless the WLONG bit is
asserted in which case the wait times are 12X longer. WTIME is
programmed as a 2’s complement number.
Figure 28:
Wait Time Register
Note(s):
1. The Wait Time Register should be configured before PEN is asserted.
Proximity Interrupt Threshold Registers (0x08 - 0x0B)
The proximity interrupt threshold registers provide the values
to be used as the high and low trigger points for the comparison
function for interrupt generation. If the value generated by
proximity channel crosses below the lower threshold specified,
or above the higher threshold, an interrupt is signaled to the
host processor.
Figure 29:
Proximity Interrupt Threshold Registers
Field
Bits
Description
Register Value
Wait Time
Time (WLONG = 0)
Time (WLONG = 1)
WTIME
7:0
0xFF
1
2.72 ms
0.032 s
0xB6
74
201 ms
2.4 s
0x00
256
696 ms
8.3 s
Register
Address
Bits
Description
PILTL
0x08
7:0
Proximity low threshold lower byte
PILTH
0x09
7:0
Proximity low threshold upper byte
PIHTL
0x0A
7:0
Proximity high threshold lower byte
PIHTH
0x0B
7:0
Proximity high threshold upper byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com