Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL26721FN Datasheet(PDF) 22 Page - OSRAM GmbH

Part # TSL26721FN
Description  Digital Proximity Detector
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL26721FN Datasheet(HTML) 22 Page - OSRAM GmbH

Back Button TSL26721FN Datasheet HTML 18Page - OSRAM GmbH TSL26721FN Datasheet HTML 19Page - OSRAM GmbH TSL26721FN Datasheet HTML 20Page - OSRAM GmbH TSL26721FN Datasheet HTML 21Page - OSRAM GmbH TSL26721FN Datasheet HTML 22Page - OSRAM GmbH TSL26721FN Datasheet HTML 23Page - OSRAM GmbH TSL26721FN Datasheet HTML 24Page - OSRAM GmbH TSL26721FN Datasheet HTML 25Page - OSRAM GmbH TSL26721FN Datasheet HTML 26Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 47 page
background image
ams Datasheet
Page 21
[v1-01] 2019-Nov-20
Document Feedback
TSL2672 − Principles Of Operation
Power Management
Power consumption can be managed with the Wait state,
because the Wait state typically consumes only 90
μA of IDD
current. An example of the power management feature is given
below. With the assumptions provided in the example, average
IDD is estimated to be 167 μA.
Figure 24:
Power Management
Note(s):
1. Prox Accum - LED ON time = 7.3
μs per pulse × 4 pulses = 29.3μs = 0.029 ms
2. Prox Accum - LED OFF time = 8.7
μs per pulse × 4 pulses = 34.7μs = 0.035 ms
Average IDD Current = ((0.029 × 119) + (0.035 × 0.200) + (2.73 ×
0.200) + (49.2
× 0.090) + (2.73 × 0.200 × 2)) / 57 ≈ 167 μA
Keeping with the same programmed values as the example,
Figure 25 shows how the average IDD current is affected by the
Wait state time, which is determined by WEN, WTIME, and
WLONG. Note that the worst-case current occurs when the Wait
state is not enabled.
System State
Machine State
Programmable
Parameter
Programmed
Value
Duration
Typical
Current
Prox Init
2.73 ms
0.200 mA
Prox Accum
PPULSE
0x04
0.064 ms
Prox Accum − LED ON
0.029 ms (1)
119 mA
Prox Accum − LED OFF
0.035 ms(2)
0.200 mA
Prox Wait
2.73 ms
0.200 mA
Prox ADC
PTIME
0xFF
2.73 ms
0.200 mA
Wait
WTIME
0xEE
49.2 ms
0.090 mA
WLONG
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com