Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL26721FN Datasheet(PDF) 31 Page - OSRAM GmbH

Part # TSL26721FN
Description  Digital Proximity Detector
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL26721FN Datasheet(HTML) 31 Page - OSRAM GmbH

Back Button TSL26721FN Datasheet HTML 27Page - OSRAM GmbH TSL26721FN Datasheet HTML 28Page - OSRAM GmbH TSL26721FN Datasheet HTML 29Page - OSRAM GmbH TSL26721FN Datasheet HTML 30Page - OSRAM GmbH TSL26721FN Datasheet HTML 31Page - OSRAM GmbH TSL26721FN Datasheet HTML 32Page - OSRAM GmbH TSL26721FN Datasheet HTML 33Page - OSRAM GmbH TSL26721FN Datasheet HTML 34Page - OSRAM GmbH TSL26721FN Datasheet HTML 35Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 47 page
background image
Page 30
ams Datasheet
Document Feedback
[v1-01] 2019-Nov-20
TSL2672 − Principles O f Operation
Control Register (0x0F)
The Control register provides eight bits of miscellaneous
control to the analog block. These bits typically control
functions such as gain settings and/or diode selection.
Figure 36:
Control Register
Note(s):
1. LED STRENGTH currents are nominal values. Specifications can be found in the Proximity Characteristics table.
76
5
4
3
2
1
0
PDRIVE
PDIODE
PGAIN
Reserved
Field
Bits
Description
PDRIVE(1)
7:6
Proximity LED Drive Strength.
FIELD VALUE
LED STRENGTH — PDL = 0
LED STRENGTH — PDL = 1
00
120 mA
15 mA
01
60 mA
7.5 mA
10
30 mA
3.8 mA
11
15 mA
1.9 mA
PDIODE
5:4
Proximity Diode Selector.
FIELD VALUE
DIODE SELECTION
00
Proximity uses neither diode
01
Proximity uses the CH0 diode
10
Proximity uses the CH1 diode
11
Reserved — Do not write
PGAIN
3:2
Proximity Gain.
FIELD VALUE
PROXIMITY GAIN VALUE
00
1× gain
01
2× gain
10
4× gain
11
8× gain
Reserved
1:0
Reserved. Write as 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com