Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL26721FN Datasheet(PDF) 34 Page - OSRAM GmbH

Part # TSL26721FN
Description  Digital Proximity Detector
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL26721FN Datasheet(HTML) 34 Page - OSRAM GmbH

Back Button TSL26721FN Datasheet HTML 30Page - OSRAM GmbH TSL26721FN Datasheet HTML 31Page - OSRAM GmbH TSL26721FN Datasheet HTML 32Page - OSRAM GmbH TSL26721FN Datasheet HTML 33Page - OSRAM GmbH TSL26721FN Datasheet HTML 34Page - OSRAM GmbH TSL26721FN Datasheet HTML 35Page - OSRAM GmbH TSL26721FN Datasheet HTML 36Page - OSRAM GmbH TSL26721FN Datasheet HTML 37Page - OSRAM GmbH TSL26721FN Datasheet HTML 38Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 47 page
background image
ams Datasheet
Page 33
[v1-01] 2019-Nov-20
Document Feedback
TSL2672 − Application Information Hardware
LED Driver Pin with Proximity Detection
In a proximity sensing system, the IR LED can be pulsed by the
TSL2672 with more than 100 mA of rapidly switching current,
therefore, a few design considerations must be kept in mind to
get the best performance. The key goal is to reduce the power
supply noise coupled back into the device during the LED
pulses.
The first recommendation is to use two power supplies; one for
the device VDD and the other for the IR LED. In many systems,
there is a quiet analog supply and a noisy digital supply. By
connecting the quiet supply to the VDD pin and the noisy supply
to the LED, the key goal can be meet. Place a 1-
μF low-ESR
decoupling capacitor as close as possible to the VDD pin and
another at the LED anode, and a 22-
μF capacitor at the output
of the LED voltage regulator to supply the 100-mA current
surge.
Figure 41:
Proximity Sensing Using Separate Power Supplies
If it is not possible to provide two separate power supplies, the
device can be operated from a single supply. A 22-
Ω resistor in
series with the VDD supply line and a 1-μF low ESR capacitor
effectively filter any power supply noise. The previous capacitor
placement considerations apply.
Application Information
Hardware
TSL2672
INT
SDA
SCL
VDD
LDR
1
mF
Voltage
Regulator
Voltage
Regulator
. 22 mF
* Cap Value Per Regulator Manufacturer Recommendation
IR LED
GND
VBUS
RP
RP
RPI
C*
1
mF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com