Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2771 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # TSL2771
Description  Light-to-Digital Converter with Proximity Sensing
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2771 Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button TSL2771 Datasheet HTML 2Page - OSRAM GmbH TSL2771 Datasheet HTML 3Page - OSRAM GmbH TSL2771 Datasheet HTML 4Page - OSRAM GmbH TSL2771 Datasheet HTML 5Page - OSRAM GmbH TSL2771 Datasheet HTML 6Page - OSRAM GmbH TSL2771 Datasheet HTML 7Page - OSRAM GmbH TSL2771 Datasheet HTML 8Page - OSRAM GmbH TSL2771 Datasheet HTML 9Page - OSRAM GmbH TSL2771 Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 51 page
background image
ams Datasheet
Page 5
[v1-00] 2016-Mar-22
Document Feedback
TSL2771 − Pin Assignments
The TSL2771 pin assignments are described below:
Figure 3:
Package FN Dual Flat No-Lead (Top View)
Figure 4:
Terminal Functions
Terminal
Type
Description
Name
No
VDD
1
Supply voltage.
SCL
2
I
I²C serial clock input terminal — clock signal for I²C serial data.
GND
3
Power supply ground. All voltages are referenced to GND.
LDR
4
O
LED driver for proximity emitter — up to 100 mA, open drain.
INT
5
O
Interrupt — open drain (active low).
SDA
6
I/O
I²C serial data I/O terminal — serial data I/O for I²C
Pin Assignments
VDD 1
SCL 2
GND 3
6 SDA
5 INT
4 LDR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com