Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2771 Datasheet(PDF) 39 Page - OSRAM GmbH

Part # TSL2771
Description  Light-to-Digital Converter with Proximity Sensing
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2771 Datasheet(HTML) 39 Page - OSRAM GmbH

Back Button TSL2771 Datasheet HTML 35Page - OSRAM GmbH TSL2771 Datasheet HTML 36Page - OSRAM GmbH TSL2771 Datasheet HTML 37Page - OSRAM GmbH TSL2771 Datasheet HTML 38Page - OSRAM GmbH TSL2771 Datasheet HTML 39Page - OSRAM GmbH TSL2771 Datasheet HTML 40Page - OSRAM GmbH TSL2771 Datasheet HTML 41Page - OSRAM GmbH TSL2771 Datasheet HTML 42Page - OSRAM GmbH TSL2771 Datasheet HTML 43Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 51 page
background image
Page 38
ams Datasheet
Document Feedback
[v1-00] 2016-Mar-22
TSL2771 − Application Information Hardware
LED Driver Pin with Proximity Detection
In a proximity sensing system, the IR LED can be pulsed by the
TSL2771 with more than 100 mA of rapidly switching current,
therefore, a few design considerations must be kept in mind to
get the best performance. The key goal is to reduce the power
supply noise coupled back into the device during the LED
pulses.
The first recommendation is to use two power supplies; one for
the device VDD and the other for the IR LED. In many systems,
there is a quiet analog supply and a noisy digital supply. By
connecting the quiet supply to the VDD pin and the noisy supply
to the LED, the key goal can be meet. Place a 1-
μF low-ESR
decoupling capacitor as close as possible to the VDD pin and
another at the LED anode, and a 22-
μF capacitor at the output
of the LED voltage regulator to supply the 100-mA current
surge.
Figure 43:
Proximity Sensing Using Separate Power Supplies
Application Information
Hardware
TSL2771
INT
SDA
SCL
VDD
LDR
1
mF
Voltage
Regulator
Voltage
Regulator
. 22 mF
* Cap Value Per Regulator Manufacturer Recommendation
IR LED
GND
VBUS
RP
RP
RPI
C*
1
mF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com