Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2771 Datasheet(PDF) 31 Page - OSRAM GmbH

Part # TSL2771
Description  Light-to-Digital Converter with Proximity Sensing
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2771 Datasheet(HTML) 31 Page - OSRAM GmbH

Back Button TSL2771 Datasheet HTML 27Page - OSRAM GmbH TSL2771 Datasheet HTML 28Page - OSRAM GmbH TSL2771 Datasheet HTML 29Page - OSRAM GmbH TSL2771 Datasheet HTML 30Page - OSRAM GmbH TSL2771 Datasheet HTML 31Page - OSRAM GmbH TSL2771 Datasheet HTML 32Page - OSRAM GmbH TSL2771 Datasheet HTML 33Page - OSRAM GmbH TSL2771 Datasheet HTML 34Page - OSRAM GmbH TSL2771 Datasheet HTML 35Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 51 page
background image
Page 30
ams Datasheet
Document Feedback
[v1-00] 2016-Mar-22
TSL2771 − Register Set
Wait Time Register (0x03)
Wait time is set 2.72 ms increments unless the WLONG bit is
asserted in which case the wait times are 12x longer. WTIME is
programmed as a 2’s complement number.
Figure 32:
Wait Time Register
Note(s):
1. The Proximity Wait Time Register should be configured before PEN and/or AEN is/are asserted.
ALS Interrupt Threshold Registers (0x04 - 0x07)
The ALS interrupt threshold registers provides the values to be
used as the high and low trigger points for the comparison
function for interrupt generation. If C0DATA crosses below the
low threshold specified, or above the higher threshold, an
interrupt is asserted on the interrupt pin.
Figure 33:
ALS Interrupt Threshold Register
Field
Bits
Description
WTIME
7:0
REGISTER
VALUE
WAIT TIME
TIME (WLONG = 0)
TIME (WLONG = 1)
0xFF
1
2.72 ms
0.032 s
0xB6
74
201 ms
2.4 s
0x00
256
696 ms
8.3 s
Register
Address
Bits
Description
AILTL
0x04
7:0
ALS low threshold lower byte
AILTH
0x05
7:0
ALS low threshold upper byte
AIHTL
0x06
7:0
ALS high threshold lower byte
AIHTH
0x07
7:0
ALS high threshold upper byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com