Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33742 Datasheet(PDF) 53 Page - Freescale Semiconductor, Inc

Part # 33742
Description  System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33742 Datasheet(HTML) 53 Page - Freescale Semiconductor, Inc

Back Button 33742 Datasheet HTML 49Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 50Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 51Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 52Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 53Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 54Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 55Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 56Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 57Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 65 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
53
33742
TYPICAL APPLICATIONS
VOLTAGE REGULATOR
The SBC contains two 5.0 V regulators: a V1 regulator,
fully integrated and protected, and a V2 regulator, which
operates with an external ballast transistor.
VDD REGULATOR
The VDD regulator provides 5.0 V output, 2.0% accuracy
with current capability of 200 mA max. It requires external
decoupling and stabilizing capacitors. The minimum
recommended values are as follows:
• C4: 100 nF
• C3: 10 µF < C3 <22 µF, ESR < 1.0 Ω or
• C3: 22 µF < C3 <47 µF, ESR < 5.0 Ω or
•C3: ≥47 µF, ESR < 10 Ω
V2 REGULATOR: OPERATING WITH EXTERNAL
BALLAST TRANSISTOR
The V2 regulator is a tracking regulator of the VDD output.
Its accuracy relative to VDD is ±1.0%. It requires external
decoupling and stabilizing capacitors.
The recommended value are as follows:
•22 µF, ESR < 5.0 Ω
•47 µF, ESR < 10 Ω
The V2 pin has two functions: it is a sense input for the V2
regulator and is a 5.0 V power supply input to the CAN
interface.
With respect to ballast transistor selection, either PNP or
PMOS transistors may be used. A resistor between base and
emitter (or source and drain) is necessary to ensure proper
operation and optimized performances. Recommended
bipolar transistor is MJD32C.
V2 REGULATOR: OPERATION WITHOUT
BALLAST TRANSISTOR
The external ballast transistor is optional. If the application
does not requires more than the maximum output current
capability of the VDD regulator, then the ballast transistor can
be omitted. The thermal aspects must be analyzed as well.
The electrical connection is illustrated in Figure 32.
Figure 32. V2 Regulator Electrical Connection
FAILURE ON VDD, WDOG, RESET, AND INT PINS
The paragraphs below describe the behavior of the device
and of the INT, RST, and WDOG pins at power-up and under
failure of the VDD regulator.
POWER-UP AND SBC ENTERING NORMAL
OPERATION
After power-up the 33742 enters Normal Request mode
(CAN interface is in TXRX mode): VDD is on and V2 is off.
After 350 ms if no watchdog is written (no TIM1 register
write), a reset occurs and the 33742 returns to Normal
Request mode. During this sequence WDOG is active (low
level).
Once watchdog is written, the 33742 goes to Normal
mode: VDD is still on and V2 turns on, WDOG is no longer
active, and the RST pin is HIGH. If watchdog is not refreshed,
the 33742 generates a reset and returns to Normal Request
mode. Figure 33, page 54, illustrates the operation.
VDD
VSUP
V2CTRL
RST
C3
C4
C1
C2
VDD
RESET
33742
V2
No Connect
Components List
C1: 22
µF
C2: 100 nF
C3: >10
µF
C4: 100 nF
MCU
VPWR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com