Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33742 Datasheet(PDF) 63 Page - Freescale Semiconductor, Inc

Part # 33742
Description  System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33742 Datasheet(HTML) 63 Page - Freescale Semiconductor, Inc

Back Button 33742 Datasheet HTML 57Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 58Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 59Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 60Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 61Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 62Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 63Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 64Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 65Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 63 / 65 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
63
33742
ADDITIONAL DOCUMENTATION
THERMAL ADDENDUM (REV 2.0)
Figure 40. Device on Thermal Test Board RθJA
Figure 41. Transient Thermal Resistance RθJA,
1 W Step response, Device on Thermal Test Board Area A = 600 (mm2)
0
10
20
30
40
50
60
70
80
Heat spreading area A [mm²]
0
300
600
RθJA
x
0.1
1
10
100
1.00E-03 1.00E-02 1.00E-01 1.00E+00 1.00E+01 1.00E+02 1.00E+03 1.00E+04
Time[s]
RθJA
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com