Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33742 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # 33742
Description  System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33742 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  33742 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33742 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 65 page
background image
Analog Integrated Circuit Device Data
2
Freescale Semiconductor
33742
DEVICE VARIATIONS
DEVICE VARIATIONS
Table 1. Device Differences During a Reset Condition
Part No.
Reset Duration
Device Differences
See Page
33742
15 ms (typical)
The duration the RST pin is asserted low when the Reset mode is entered after
the SBC is powered up and a VDD undervoltage condition is detected and the
watchdog register is not properly triggered.
page 19
33742S
3.5 ms (typical)
The duration the RST pin is asserted low when the Reset mode is entered after
the SBC is powered up and a VDD undervoltage condition is detected and the
watchdog register is not properly triggered.
page 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com