Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM67 Datasheet(PDF) 20 Page - Texas Instruments

Part # AM67
Description  AM67x Processors
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM67 Datasheet(HTML) 20 Page - Texas Instruments

Back Button AM67 Datasheet HTML 16Page - Texas Instruments AM67 Datasheet HTML 17Page - Texas Instruments AM67 Datasheet HTML 18Page - Texas Instruments AM67 Datasheet HTML 19Page - Texas Instruments AM67 Datasheet HTML 20Page - Texas Instruments AM67 Datasheet HTML 21Page - Texas Instruments AM67 Datasheet HTML 22Page - Texas Instruments AM67 Datasheet HTML 23Page - Texas Instruments AM67 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 235 page
background image
Table 5-1. Pin Attributes (AMW Package) (continued)
BALL
NUMBER [1]
BALL NAME [2]
PADCONFIG Register [15]
PADCONFIG Address [16]
SIGNAL NAME [3]
MUX
MODE
[4]
TYPE
[5]
DSIS
[6]
BALL STATE
DURING
RESET
(RX/TX/PULL) [7]
BALL STATE
AFTER
RESET
(RX/TX/PULL) [8]
MUX
MODE
AFTER
RESET
[9]
I/O
OPERATING
VOLTAGE [10]
POWER [11]
HYS
[12]
BUFFER
TYPE [13]
PULL
UP/DOWN
TYPE [14]
U27
GPMC0_AD8
PADCONFIG
PADCONFIG23
0x000F405C
GPMC0_AD8
0
IO
0
On / Off / Off
On / Off / Off
7
1.8 V/3.3 V
VDDSHV3
Yes
LVCMOS
PU/PD
VOUT0_DATA16
1
O
UART2_RXD
2
I
1
MCASP2_AXR0
3
IO
0
GPIO0_23
7
IO
pad
BOOTMODE08
Bootstrap
I
U26
GPMC0_AD9
PADCONFIG
PADCONFIG24
0x000F4060
GPMC0_AD9
0
IO
0
On / Off / Off
On / Off / Off
7
1.8 V/3.3 V
VDDSHV3
Yes
LVCMOS
PU/PD
VOUT0_DATA17
1
O
UART2_TXD
2
O
MCASP2_AXR1
3
IO
0
GPIO0_24
7
IO
pad
BOOTMODE09
Bootstrap
I
V27
GPMC0_AD10
PADCONFIG
PADCONFIG25
0x000F4064
GPMC0_AD10
0
IO
0
On / Off / Off
On / Off / Off
7
1.8 V/3.3 V
VDDSHV3
Yes
LVCMOS
PU/PD
VOUT0_DATA18
1
O
UART3_RXD
2
I
1
MCASP2_AXR2
3
IO
0
GPIO0_25
7
IO
pad
OBSCLK0
8
O
BOOTMODE10
Bootstrap
I
V25
GPMC0_AD11
PADCONFIG
PADCONFIG26
0x000F4068
GPMC0_AD11
0
IO
0
On / Off / Off
On / Off / Off
7
1.8 V/3.3 V
VDDSHV3
Yes
LVCMOS
PU/PD
VOUT0_DATA19
1
O
UART3_TXD
2
O
MCASP2_AXR3
3
IO
0
TRC_DATA23
6
O
GPIO0_26
7
IO
pad
BOOTMODE11
Bootstrap
I
V26
GPMC0_AD12
PADCONFIG
PADCONFIG27
0x000F406C
GPMC0_AD12
0
IO
0
On / Off / Off
On / Off / Off
7
1.8 V/3.3 V
VDDSHV3
Yes
LVCMOS
PU/PD
VOUT0_DATA20
1
O
UART4_RXD
2
I
1
MCASP2_AFSX
3
IO
0
TRC_DATA22
6
O
GPIO0_27
7
IO
pad
BOOTMODE12
Bootstrap
I
AM67, AM67A
SPRSPA3 – MARCH 2024
www.ti.com
20
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM67 AM67A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com