Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM67 Datasheet(PDF) 39 Page - Texas Instruments

Part # AM67
Description  AM67x Processors
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM67 Datasheet(HTML) 39 Page - Texas Instruments

Back Button AM67 Datasheet HTML 35Page - Texas Instruments AM67 Datasheet HTML 36Page - Texas Instruments AM67 Datasheet HTML 37Page - Texas Instruments AM67 Datasheet HTML 38Page - Texas Instruments AM67 Datasheet HTML 39Page - Texas Instruments AM67 Datasheet HTML 40Page - Texas Instruments AM67 Datasheet HTML 41Page - Texas Instruments AM67 Datasheet HTML 42Page - Texas Instruments AM67 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 235 page
background image
Table 5-1. Pin Attributes (AMW Package) (continued)
BALL
NUMBER [1]
BALL NAME [2]
PADCONFIG Register [15]
PADCONFIG Address [16]
SIGNAL NAME [3]
MUX
MODE
[4]
TYPE
[5]
DSIS
[6]
BALL STATE
DURING
RESET
(RX/TX/PULL) [7]
BALL STATE
AFTER
RESET
(RX/TX/PULL) [8]
MUX
MODE
AFTER
RESET
[9]
I/O
OPERATING
VOLTAGE [10]
POWER [11]
HYS
[12]
BUFFER
TYPE [13]
PULL
UP/DOWN
TYPE [14]
E22
UART0_CTSn
PADCONFIG
PADCONFIG116
0x000F41D0
UART0_CTSn
0
I
1
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
SPI0_CS2
1
IO
1
I2C3_SCL
2
IOD
1
UART2_RXD
3
I
1
TIMER_IO6
4
IO
0
AUDIO_EXT_REFCLK0
5
IO
0
GPIO1_22
7
IO
pad
MCASP2_AFSX
8
IO
0
MMC2_SDCD
9
I
0
B21
UART0_RTSn
PADCONFIG
PADCONFIG117
0x000F41D4
UART0_RTSn
0
O
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
SPI0_CS3
1
IO
1
I2C3_SDA
2
IOD
1
UART2_TXD
3
O
TIMER_IO7
4
IO
0
AUDIO_EXT_REFCLK1
5
IO
0
GPIO1_23
7
IO
pad
MCASP2_ACLKX
8
IO
0
MMC2_SDWP
9
I
0
F19
UART0_RXD
PADCONFIG
PADCONFIG114
0x000F41C8
UART0_RXD
0
I
1
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
ECAP1_IN_APWM_OUT
1
IO
0
SPI2_D0
2
IO
0
EHRPWM2_A
3
IO
0
GPIO1_20
7
IO
pad
F20
UART0_TXD
PADCONFIG
PADCONFIG115
0x000F41CC
UART0_TXD
0
O
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
ECAP2_IN_APWM_OUT
1
IO
0
SPI2_D1
2
IO
0
EHRPWM2_B
3
IO
0
GPIO1_21
7
IO
pad
AB5
USB0_DM
USB0_DM
IO
1.8 V/3.3 V
VDDA_1P8_USB0,
VDDA_3P3_USB0
USB2PHY
AA6
USB0_DP
USB0_DP
IO
1.8 V/3.3 V
VDDA_1P8_USB0,
VDDA_3P3_USB0
USB2PHY
E25
USB0_DRVVBUS
PADCONFIG
PADCONFIG149
0x000F4254
USB0_DRVVBUS
0
O
Off / Off / Down
Off / Off / Down
7
1.8 V/3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
GPIO1_50
7
IO
pad
AA8
USB0_RCALIB
USB0_RCALIB
A
1.8 V/3.3 V
VDDA_1P8_USB0,
VDDA_3P3_USB0
USB2PHY
www.ti.com
AM67, AM67A
SPRSPA3 – MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: AM67 AM67A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com