Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA6281QR2 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MMA6281QR2
Description  짹2.5g - 10g Two Axis Low-g Micromachined Accelerometer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA6281QR2 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MMA6281QR2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MMA6281QR2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA6281QR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA6281QR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA6281QR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA6281QR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA6281QR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA6281QR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA6281QR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Sensors
Freescale Semiconductor
5
MMA6281QT
BASIC CONNECTIONS
Pin Descriptions
Figure 4. Pinout Description
Figure 5. Accelerometer with Recommended
Connection Diagram
PCB Layout
Figure 6. Recommended PCB Layout for Interfacing
Accelerometer to Microcontroller
NOTES:
1. Use 0.1 µF capacitor on VDD to decouple the power
source. Do not exceed capacitor values of 2.2 or
3.3 µF. Slow dV/dt rise times on VDD may cause the
device to not power up below 0°C.To ensure
operation below 0°C ensure VDD line has the ability
to reach 2.2V in < 0.1 ms as measured on the device
at the VDD pin. If output signal does not assert itself,
then the dv/dt at the VDD pin of the device should be
measured.
2. Physical coupling distance of the accelerometer to
the microcontroller should be minimal.
3. The flag underneath the package is internally
connected to ground. It is not recommended for the
flag to be soldered down.
4. Place a ground plane beneath the accelerometer to
reduce noise, the ground plane should be attached to
all of the open ended terminals shown in Figure 6.
5. Use an RC filter with 1.0 kΩ and 0.1 µF on the
outputs of the accelerometer to minimize clock noise
(from the switched capacitor filter circuit).
6. PCB layout of power and ground should not couple
power supply noise.
7. Accelerometer and microcontroller should not be a
high current path.
8. A/D sampling rate and any external power supply
switching frequency should be selected such that
they do not interfere with the internal accelerometer
sampling frequency (11 kHz for the sampling
frequency). This will prevent aliasing errors.
9. PCB layout should not run traces or vias under the
QFN part. This could lead to ground shorting to the
accelerometer flag.
Table 4. Pin Descriptions
Pin No.
Pin Name
Description
1
g-Select1
Logic input pin to select g level.
2
g-Select2
Logic input pin to select g level.
3VDD
Power Supply Input
4VSS
Power Supply Ground
5 - 7
N/C
No internal connection.
Leave unconnected.
8 - 11
N/C
Unused for factory trim.
Leave unconnected.
12
Sleep Mode
Logic input pin to enable product or
Sleep Mode.
13
ZOUT
Z direction output voltage.
14
N/C
No internal connection.
Leave unconnected.
15
XOUT
X direction output voltage.
16
N/C
No internal connection.
Leave unconnected.
Top View
15
16
14 13
12
11
10
1
2
3
4
56
7
8
9
g-Select1
N/C
N/C
N/C
g-Select2
VDD
VSS
Sleep Mode
Sleep Mode
VDD
VSS
3
4
VDD
0.1 µF
0.1 µF
15
12
XOUT
1 kΩ
Logic
Input
2
1
0.1 µF
13
ZOUT
1 kΩ
Logic
Inputs
g-Select2
g-Select1
MMA6281QT
POWER SUPPLY
VDD
VSS
Sleep Mode
g-Select1
g-Select2
XOUT
ZOUT
VDD
VSS
VRH
P0
P1
P2
A/DIN
A/DIN
C
C
C
R
R
C
C
C
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com