Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA6281QR2 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MMA6281QR2
Description  짹2.5g - 10g Two Axis Low-g Micromachined Accelerometer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA6281QR2 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MMA6281QR2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MMA6281QR2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA6281QR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA6281QR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA6281QR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA6281QR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA6281QR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA6281QR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA6281QR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Sensors
2
Freescale Semiconductor
MMA6281QT
Figure 2. Simplified Accelerometer Functional Block Diagram
ELECTRO STATIC DISCHARGE (ESD)
WARNING: This device is sensitive to electrostatic
discharge.
Although the Freescale accelerometer contains internal
2000 V ESD protection circuitry, extra precaution must be
taken by the user to protect the chip from ESD. A charge of
over 2000 volts can accumulate on the human body or
associated test equipment. A charge of this magnitude can
alter the performance or cause failure of the chip. When
handling the accelerometer, proper ESD precautions should
be followed to avoid exposing the device to discharges which
may be detrimental to its performance.
Table 1. Maximum Ratings
(Maximum ratings are the limits to which the device can be exposed without causing permanent damage.)
Rating
Symbol
Value
Unit
Maximum Acceleration (all axis)
gmax
±2000
g
Supply Voltage
VDD
–0.3 to +3.6
V
Drop Test(1)
1. Dropped onto concrete surface from any axis.
Ddrop
1.8
m
Storage Temperature Range
Tstg
–40 to +125
°C
VSS
ZOUT
XOUT
g-Select1
g-Select2
Sleep Mode
VDD
G-Cell
Sensor
Oscillator
Clock
Generator
X-Temp
Comp
Z-Temp
Comp
C to V
Converter
Gain
+
Filter
Control Logic
EEPROM Trim Circuits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com