Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA6281QR2 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MMA6281QR2
Description  짹2.5g - 10g Two Axis Low-g Micromachined Accelerometer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA6281QR2 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MMA6281QR2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MMA6281QR2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA6281QR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA6281QR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA6281QR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA6281QR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA6281QR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA6281QR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA6281QR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Document Number: MMA6281QT
Rev 1, 06/2007
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc., 2005-2007. All rights reserved.
±2.5g - 10g Two Axis Low-g
Micromachined Accelerometer
The MMA6281QT low cost capacitive micromachined accelerometer features
signal conditioning, a 1-pole low pass filter, temperature compensation and g-
Select which allows for the selection among 4 sensitivities. Zero-g offset full scale
span and filter cut-off are factory set and require no external devices. Includes a
Sleep Mode that makes it idea l for handheld battery powered electronics.
Features
•
Selectable Sensitivity (2.5g/3.3g/6.7g/10g)
•
Low Current Consumption: 500 µA
•
Sleep Mode: 3 µA
•
Low Voltage Operation: 2.2 V – 3.6 V
•
6mm x 6mm x 1.45mm QFN
•
Fast Turn On Time
•
High Sensitivity (2.5 g)
•
Integral Signal Conditioning with Low Pass Filter
•
Robust Design, High Shocks Survivability
•
Environmentally Preferred Package
•
Low Cost
Typical Applications
•
Portable Applications: Tilt Monitoring Anti-Theft
•
Vibration Monitoring and Recording: Appliance Balance, Seismic,
Smart Motors)
•
Pedometer: Motion Sensing
•
PDA: Text Scroll
•
Navigation and Dead Reckoning: E-Compass Tilt Compensation
•
Gaming: Tilt and Motion Sensing, Event Recorder
•
Robotics: Motion Sensing
•
Impact Monitoring (Shipping, Handling, Black Box Event Recorder)
ORDERING INFORMATION
Device
Temp. Range
Case No.
Package
MMA6281QT
– 40 to +105°C
1622-02
QFN-16, Tray
MMA6281QR2
– 40 to +105°C
1622-02
QFN-16,Tape & Reel
MMA6281QT
16-LEAD
QFN
CASE 1622-02
MMA6281QT: XZ AXIS
ACCELEROMETER
±2.5g/3.3g/6.7g/10g
Bottom View
Figure 1. Pin Connections
Top View
15
16
14 13
12
11
10
1
2
3
4
56
7
8
9
g-Select1
N/C
N/C
N/C
g-Select2
VDD
VSS
Sleep
Mode


Similar Part No. - MMA6281QR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA6281QR2 FREESCALE-MMA6281QR2 Datasheet
283Kb / 11P
-2.5g - 10g Two Axis Low-g Micromachined Accelerometer
logo
NXP Semiconductors
MMA6281QR2 NXP-MMA6281QR2 Datasheet
243Kb / 12P
짹2.5g - 10g Two Axis Low-g Micromachined Accelerometer
Rev 2, 06/2007
More results

Similar Description - MMA6281QR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA7261Q FREESCALE-MMA7261Q Datasheet
233Kb / 8P
짹2.5g - 10g Three Axis Low-g Micromachined Accelerometer
MMA6281QT FREESCALE-MMA6281QT Datasheet
283Kb / 11P
-2.5g - 10g Two Axis Low-g Micromachined Accelerometer
MMA7261QT FREESCALE-MMA7261QT Datasheet
284Kb / 11P
짹2.5g - 10g Three Axis Low-g Micromachined Accelerometer
MMA6271QT FREESCALE-MMA6271QT Datasheet
281Kb / 11P
짹2.5g - 10g Two Axis Low-g Micromachined Accelerometer
MMA6271QT FREESCALE-MMA6271QT_07 Datasheet
313Kb / 12P
짹2.5g - 10g Two Axis Low-g Micromachined Accelerometer
MMA7261QT FREESCALE-MMA7261QT_07 Datasheet
336Kb / 12P
짹2.5g - 10g Three Axis Low-g Micromachined Accelerometer
MMA7261QT FREESCALE-MMA7261QT_08 Datasheet
195Kb / 12P
짹2.5g - 10g Three Axis Low-g Micromachined Accelerometer
logo
NXP Semiconductors
MMA6271QT NXP-MMA6271QT Datasheet
241Kb / 12P
짹2.5g - 10g Two Axis Low-g Micromachined Accelerometer
Rev 2, 06/2007
MMA6281QT NXP-MMA6281QT Datasheet
243Kb / 12P
짹2.5g - 10g Two Axis Low-g Micromachined Accelerometer
Rev 2, 06/2007
MMA7261QT NXP-MMA7261QT Datasheet
245Kb / 12P
짹2.5g - 10g Three Axis Low-g Micromachined Accelerometer
Rev 3, 09/2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com