Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8313E Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # MPC8313E
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8313E Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button MPC8313E Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 88 page
background image
MPC8313E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 0
Freescale Semiconductor
33
Ethernet: Three-Speed Ethernet, MII Management
8.3.3.1
SGMII Transmit AC Timing Specifications
Table 34 provides the SGMII transmit AC timing targets. A source synchronous clock is not provided.
Table 33. DC Receiver Electrical Characteristics
Parameter
Symbol
Min
Max
Unit
Notes
DC input voltage range
Input must be externally ac-coupled.
Input differential voltage
Vrx_diffpp
100
1200
mV Peak to peak input differential
voltage.
Loss of signal threshold
Vlos
30
100
mV
Input AC common mode voltage
Vcm_acpp
100
mV Peak to peak ac common mode
voltage.
Receiver differential input impedance
Zrx_diff
80
120
Ω
Receiver common mode input impedance
Zrx_cm
20
35
Ω
Common mode input voltage
Vcm
xcorevss
xcorevss
V
On-chip termination to xcorevss.
Table 34. SGMII Transmit AC Timing Specifications
Parameter
Symbol
Min
Max
Unit
Notes
Deterministic Jitter
JD
0.17
UI p-p
Total Jitter
JT
0.35
UI p-p
Unit Interval
UI
800
800
ps
+/– 100ppm
VOD fall time (80%–20%)
tfall
50
120
ps
VOD rise time (20%–80%)
trise
50
120
ps
Source synchronous clock is not supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com