Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8313E Datasheet(PDF) 79 Page - Freescale Semiconductor, Inc

Part # MPC8313E
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8313E Datasheet(HTML) 79 Page - Freescale Semiconductor, Inc

Back Button MPC8313E Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 83Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 88 page
background image
MPC8313E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 0
Freescale Semiconductor
79
Thermal
Accurate thermal design requires thermal modeling of the application environment using computational
fluid dynamics software which can model both the conduction cooling and the convection cooling of the
air moving through the application. Simplified thermal models of the packages can be assembled using the
junction-to-case and junction-to-board thermal resistances listed in the thermal resistance table. More
detailed thermal models can be made available on request.
Heat sink Vendors include the following list:
Aavid Thermalloy
603-224-9988
80 Commercial St.
Concord, NH 03301
Internet: www.aavidthermalloy.com
Alpha Novatech
408-749-7601
473 Sapena Ct. #12
Santa Clara, CA 95054
Internet: www.alphanovatech.com
International Electronic Research Corporation (IERC)
818-842-7277
413 North Moss St.
Burbank, CA 91502
Internet: www.ctscorp.com
Table 63. Heat Sinks and Junction-to-Case Thermal Resistance of MPC8313E (TEPBGAII)
Heat Sink Assuming Thermal Grease
Air Flow
35x35 mm TBGA
Junction-to-Ambient
Thermal Resistance
AAVID 30x30x9.4 mm Pin Fin
Natural Convection
10.7
AAVID 30x30x9.4 mm Pin Fin
1 m/s
6.2
AAVID 30x30x9.4 mm Pin Fin
2 m/s
5.3
AAVID 31x35x23 mm Pin Fin
Natural Convection
8.1
AAVID 31x35x23 mm Pin Fin
1 m/s
4.4
AAVID 31x35x23 mm Pin Fin
2 m/s
3.7
Wakefield, 53x53x25 mm Pin Fin
Natural Convection
5.4
Wakefield, 53x53x25 mm Pin Fin
1 m/s
3.2
Wakefield, 53x53x25 mm Pin Fin
2 m/s
2.4
MEI, 75x85x12 no adjacent board, extrusion
Natural Convection
6.4
MEI, 75x85x12 no adjacent board, extrusion
1 m/s
3.8
MEI, 75x85x12 no adjacent board, extrusion
2 m/s
2.5
MEI, 75x85x12 mm, adjacent board, 40 mm Side bypass
1 m/s
2.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com