Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8313E Datasheet(PDF) 34 Page - Freescale Semiconductor, Inc

Part # MPC8313E
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8313E Datasheet(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button MPC8313E Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 38Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 88 page
background image
MPC8313E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 0
34
Freescale Semiconductor
Ethernet: Three-Speed Ethernet, MII Management
8.3.3.2
SGMII Receive AC Timing Specifications
Table 35 provides the SGMII transmit AC timing targets. A source synchronous clock is not supported.
Figure 16. Receive Input Compliance Mask
Table 35. SGMII Receiver AC Timing Specifications
Parameter
Symbol
Min
Max
Unit
Notes
Deterministic Jitter
Tolerance
JD
0.37
UI p-p
Measured at receiver
Combined Deterministic
and
Random Jitter Tolerance
JDR
0.55
UI p-p
Measured at receiver
Sinusoidal Jitter Tolerance
Jsin
0.1
UI p-p
Measured at receiver
Total Jitter Tolerance
JT
0.65
UI p-p
Measured at receiver
Bit Error Ratio
BER
10-12
Unit Interval
UI
800
800
ps
+/– 100ppm
01
.275
.4
.6
.625
0
Vrx_diffpp_max/2
Vrx_diffpp_min/2
–Vrx_diffpp_min/2
–Vrx_diffpp_max/2
Time (UI)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com