Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8323EVRADDC Datasheet(PDF) 52 Page - Freescale Semiconductor, Inc

Part # MPC8323EVRADDC
Description  PowerQUICC??II Pro Integrated Communications Processor Family Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8323EVRADDC Datasheet(HTML) 52 Page - Freescale Semiconductor, Inc

Back Button MPC8323EVRADDC Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC8323EVRADDC Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8323EVRADDC Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC8323EVRADDC Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC8323EVRADDC Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8323EVRADDC Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8323EVRADDC Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8323EVRADDC Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8323EVRADDC Datasheet HTML 56Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 80 page
background image
MPC8323E PowerQUICC™ II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 0
52
Freescale Semiconductor
Package and Pin Listings
RST_LCS1/LCS1
AB25
O
OVDD
4
RST_LCS2/LCS2
AA23
O
OVDD
4
RST_LCS3/LCS3
AA24
O
OVDD
4
RST_LWE0/LWE0
Y23
O
OVDD
4
RST_LWE1/LWE1
W25
O
OVDD
4
RST_LBCTL/LBCTL
V25
O
OVDD
4
RST_LALE/RST_LALE/M1LALE/M2LALE
V24
O
OVDD
CFG_RESET_SOURCE[0]/LSDA10/LGPL0
L23
IO
OVDD
CFG_RESET_SOURCE[1]/LSDWE/LGPL1
K23
IO
OVDD
RST_LOE/LSDRAS/LGPL2/LOE
J23
O
OVDD
4
CFG_RESET_SOURCE[2]/LSDCAS/LGPL3
H23
IO
OVDD
LGPL4/LGTA/LUPWAIT/LPBSE
G23
IO
OVDD
4
LGPL5
AC22
O
OVDD
4
PD_XLB_CLOCK_OUT/LCLK0/
PD_MG2XLB_ENC_CLOCK/CORE_CLK_OUT
Y24
O
OVDD
PD_XLB2MG_DDR_CLOCK/LCLK1/
PD_MG2XLB_ENC_SYNC
Y25
O
OVDD
DUART
UART_SOUT1/MSRCID0 (DDR ID)/LSRCID0
G1
IO
OVDD
UART_SIN1/MSRCID1 (DDR ID)/LSRCID1
G2
IO
OVDD
UART_CTS1/MSRCID2 (DDR ID)/LSRCID2
H3
IO
OVDD
UART_RTS1/MSRCID3 (DDR ID)/LSRCID3
K3
IO
OVDD
UART_SOUT2/MSRCID4 (DDR ID)/LSRCID4
H2
IO
OVDD
UART_SIN2/MDVAL (DDR ID)/LDVAL
H1
IO
OVDD
UART_CTS2
J3
IO
OVDD
UART_RTS2
K4
IO
OVDD
I2C interface
IIC_SDA/CKSTOP_OUT
AE24
IO
OVDD
2
IIC_SCL/CKSTOP_IN
AF24
IO
OVDD
2
Programmable Interrupt Controller
MCP_OUT
AD25
O
OVDD
IRQ0/MCP_IN
AD26
I
OVDD
IRQ1
K1
IO
OVDD
Table 55. MPC8323E PBGA Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com