Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8323EVRADDC Datasheet(PDF) 59 Page - Freescale Semiconductor, Inc

Part # MPC8323EVRADDC
Description  PowerQUICC??II Pro Integrated Communications Processor Family Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8323EVRADDC Datasheet(HTML) 59 Page - Freescale Semiconductor, Inc

Back Button MPC8323EVRADDC Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8323EVRADDC Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8323EVRADDC Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8323EVRADDC Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8323EVRADDC Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8323EVRADDC Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8323EVRADDC Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8323EVRADDC Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8323EVRADDC Datasheet HTML 63Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 80 page
background image
MPC8323E PowerQUICC™ II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 0
Freescale Semiconductor
59
Package and Pin Listings
GPIO_PC10/UPC1_RxDATA[2]/SER5_RXD[2]
B21
IO
OVDD
GPIO_PC11/UPC1_RxDATA[3]/SER5_RXD[3]
A20
IO
OVDD
GPIO_PC12/UPC1_RxDATA[4]
D19
IO
OVDD
GPIO_PC13/UPC1_RxDATA[5]/LSRCID0/CE_PIO18
C18
IO
OVDD
GPIO_PC14/UPC1_RxDATA[6]/LSRCID1/CE_PIO19
D18
IO
OVDD
GPIO_PC15/UPC1_RxDATA[7]/LSRCID2/CE_PIO20
A25
IO
OVDD
GPIO_PC16/UPC1_TxADDR[0]
C21
IO
OVDD
GPIO_PC17/UPC1_TxADDR[1]/LSRCID3/CE_PIO21
D22
IO
OVDD
GPIO_PC18/UPC1_TxADDR[2]/LSRCID4/CE_PIO22
C23
IO
OVDD
GPIO_PC19/UPC1_TxADDR[3]/LDVAL/CE_PIO23
D23
IO
OVDD
GPIO_PC20/UPC1_RxADDR[0]
C17
IO
OVDD
GPIO_PC21/UPC1_RxADDR[1]
D17
IO
OVDD
GPIO_PC22/UPC1_RxADDR[2]
C16
IO
OVDD
GPIO_PC23/UPC1_RxADDR[3]
D16
IO
OVDD
GPIO_PC24/UPC1_RxSOC/SER5_CD
A16
IO
OVDD
GPIO_PC25/UPC1_RxCLAV
D20
IO
OVDD
GPIO_PC26/UPC1_RxPRTY/CE_EXT_REQ2
E23
IO
OVDD
GPIO_PC27/UPC1_RxEN
B17
IO
OVDD
GPIO_PC28/UPC1_TxSOC
B22
IO
OVDD
GPIO_PC29/UPC1_TxCLAV/SER5_CTS
A17
IO
OVDD
GPIO_PC30/UPC1_TxPRTY
A22
IO
OVDD
GPIO_PC31/UPC1_TxEN/SER5_RTS
C20
IO
OVDD
GPIO_PD0/SPIMOSI/CE_TRB_PIN5
A2
IO
OVDD
GPIO_PD1/SPIMISO/CE_TRB_PIN6
B2
IO
OVDD
GPIO_PD2/SPICLK/CE_TRB_PIN7
B3
IO
OVDD
GPIO_PD3/SPISEL/CE_TRB_PIN8
A3
IO
OVDD
GPIO_PD4/SPI_MDIO/CE_MUX_MDIO
A4
IO
OVDD
GPIO_PD5/SPI_MDC/CE_MUX_MDC
B4
IO
OVDD
GPIO_PD6/CLK8/BRGO16/CE_EXT_REQ3
F24
IO
OVDD
GPIO_PD7/GTM1_TIN1/GTM2_TIN2/CLK5
G24
IO
OVDD
GPIO_PD8/GTM1_TGATE1/GTM2_TGATE2/CLK6
H24
IO
OVDD
GPIO_PD9/GTM1_TOUT1/CE_PIO25
D24
IO
OVDD
Table 55. MPC8323E PBGA Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com