Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8323EVRADDC Datasheet(PDF) 53 Page - Freescale Semiconductor, Inc

Part # MPC8323EVRADDC
Description  PowerQUICC??II Pro Integrated Communications Processor Family Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8323EVRADDC Datasheet(HTML) 53 Page - Freescale Semiconductor, Inc

Back Button MPC8323EVRADDC Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8323EVRADDC Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC8323EVRADDC Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC8323EVRADDC Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8323EVRADDC Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8323EVRADDC Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8323EVRADDC Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8323EVRADDC Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8323EVRADDC Datasheet HTML 57Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 80 page
background image
MPC8323E PowerQUICC™ II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 0
Freescale Semiconductor
53
Package and Pin Listings
IRQ2
K2
I
OVDD
IRQ3
J2
I
OVDD
IRQ4
J1
I
OVDD
IRQ5
AE26
I
OVDD
IRQ6/CKSTOP_OUT
AE25
IO
OVDD
IRQ7/CKSTOP_IN
AF25
I
OVDD
CFG_CLKIN_DIV
F1
I
OVDD
CFG_LBIU_MUX_EN
M23
I
OVDD
JTAG
TCK
W26
I
OVDD
TDI
Y26
I
OVDD
4
TDO
AA26
O
OVDD
3
TMS
AB26
I
OVDD
4
TRST
AC26
I
OVDD
4
TEST
TEST_MODE
N23
I
OVDD
6
PMC
QUIESCE
T23
I
OVDD
System Control
HRESET
AC23
IO
OVDD
1
PORESET
AD23
I
OVDD
SRESET
AD24
IO
OVDD
2
Clocks
CLKIN
R3
I
OVDD
CLKIN
P4
O
OVDD
PCI_SYNC_OUT
V1
O
OVDD
3
RTC_PIT_CLOCK
U23
I
OVDD
PCI_SYNC_IN/PCI_CLK
V2
I
OVDD
PCI_CLK0/clkpd_cerisc1_ipg_clkout/DPTC_OSC
T3
O
OVDD
PCI_CLK1/clkpd_half_cemb4ucc1_ipg_clkout/
CLOCK_XLB_CLOCK_OUT
U2
O
OVDD
PCI_CLK2/clkpd_third_cesog_ipg_clkout/
cecl_ipg_ce_clock
R4
O
OVDD
Table 55. MPC8323E PBGA Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com