Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC08ABQAR Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74LVC08ABQAR
Description  SNx4LVC08A Quadruple 2-Input Positive-AND Gates
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC08ABQAR Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LVC08ABQAR Datasheet HTML 2Page - Texas Instruments SN74LVC08ABQAR Datasheet HTML 3Page - Texas Instruments SN74LVC08ABQAR Datasheet HTML 4Page - Texas Instruments SN74LVC08ABQAR Datasheet HTML 5Page - Texas Instruments SN74LVC08ABQAR Datasheet HTML 6Page - Texas Instruments SN74LVC08ABQAR Datasheet HTML 7Page - Texas Instruments SN74LVC08ABQAR Datasheet HTML 8Page - Texas Instruments SN74LVC08ABQAR Datasheet HTML 9Page - Texas Instruments SN74LVC08ABQAR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
5.4 Recommended Operating Conditions, SN74LVC08A
See(1)
SN74LVC08A
UNIT
TA = 25°C
–40°C to +85°C
–40°C to +125°C
MIN
MAX
MIN
MAX
MIN
MAX
VCC
Supply voltage
Operating
1.65
3.6
1.65
3.6
1.65
3.6
V
Data retention only
1.5
1.5
1.5
VIH
High-level
input voltage
VCC = 1.65V to 1.95V
0.65 × VCC
0.65 × VCC
0.65 × VCC
V
VCC = 2.3V to 2.7V
1.7
1.7
1.7
VCC = 2.7V to 3.6V
2
2
2
VIL
Low-level
input voltage
VCC = 1.65V to 1.95V
0.35 × VCC
0.35 × VCC
0.35 × VCC
V
VCC = 2.3V to 2.7V
0.7
0.7
0.7
VCC = 2.7V to 3.6V
0.8
0.8
0.8
VI
Input voltage
0
5.5
0
5.5
0
5.5
V
VO
Output voltage
0
VCC
0
VCC
0
VCC
V
IOH
High-level
output current
VCC = 1.65V
–4
–4
–4
mA
VCC = 2.3V
–8
–8
–8
VCC = 2.7 V
–12
–12
–12
VCC = 3V
–24
–24
–24
IOL
Low-level
output current
VCC = 1.65V
4
4
4
mA
VCC = 2.3V
8
8
8
VCC = 2.7V
12
12
12
VCC = 3V
24
24
24
Δt/Δv Input transition rise or fall rate
8
8
8
ns/V
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. See Implications of Slow or Floating
CMOS Inputs, SCBA004.
5.5 Thermal Information
THERMAL METRIC(1)
SN74LVC08A
UNIT
BQA
(WQFN)
D
(SOIC)
DB
(SSOP)
NS
(SO)
PW
(TSSOP)
RGY
(LCCC)
14 PINS
14 PINS
14 PINS
14 PINS
14 PINS
14 PINS
RθJA
Junction-to-ambient thermal resistance
102.3
98.6
112.8
95.1
127.7
51.1
°C/W
RθJC(top) Junction-to-case (top) thermal resistance
96.8
56.0
65.3
52.7
56.0
56.6
°C/W
RθJB
Junction-to-board thermal resistance
70.9
53.3
60.2
53.9
69.5
27.5
°C/W
ψJT
Junction-to-top characterization parameter
16.6
16.4
25.3
17.9
8.9
4.5
°C/W
ψJB
Junction-to-board characterization
parameter
70.9
53.0
59.6
53.6
68.9
27.7
°C/W
RθJC(bot) Junction-to-case (bottom) thermal resistance
50.1
—
—
—
—
19.1
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
SN54LVC08A, SN74LVC08A
SCAS283U – JANUARY 1993 – REVISED MARCH 2024
www.ti.com
6
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: SN54LVC08A SN74LVC08A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com