Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC08ABQAR Datasheet(PDF) 13 Page - Texas Instruments

Part # SN74LVC08ABQAR
Description  SNx4LVC08A Quadruple 2-Input Positive-AND Gates
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC08ABQAR Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN74LVC08ABQAR Datasheet HTML 9Page - Texas Instruments SN74LVC08ABQAR Datasheet HTML 10Page - Texas Instruments SN74LVC08ABQAR Datasheet HTML 11Page - Texas Instruments SN74LVC08ABQAR Datasheet HTML 12Page - Texas Instruments SN74LVC08ABQAR Datasheet HTML 13Page - Texas Instruments SN74LVC08ABQAR Datasheet HTML 14Page - Texas Instruments SN74LVC08ABQAR Datasheet HTML 15Page - Texas Instruments SN74LVC08ABQAR Datasheet HTML 16Page - Texas Instruments SN74LVC08ABQAR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The SN74LVC08A is used to drive CMOS device and used for implementing AND logic. The LVC family can
support current drive of about 24 mA at 3-V VCC. The inputs for SN74LVC08A are 5.5-V tolerant allowing it to
translate down to VCC.
8.2 Typical Application
A
B
Y
C
R
Figure 8-1. Three Input AND Gate Implementation and Driving LED
8.2.1 Design Requirements
This device uses CMOS technology and has balanced output drive. Take care to avoid bus contention because
it can drive currents that would exceed maximum limits. The high drive will also create fast edges into light loads
so routing and load conditions should be considered to prevent ringing.
8.2.2 Detailed Design Procedure
SN74LVC08A contains four AND gates in one package which can be used for individual AND function or to
implement complex Boolean logic. Figure 8-1 shows an example of implementing 3input AND function. AB are
inputs for AND gate which are connected to another AND gate. Z= A × B × C. SN74LVC08A support high drive
current of 24 mA which can be used to drive LEDs of even Drive low current signal FETs, an example is shown
in Figure 8-1 TI recommends to use a series resistance to limit the current. If VCC is 3 V, and LED current should
be 10 mA, and the forward-voltage of LED is 2.5 V, then R as shown in Figure 8-1 is calculated using Equation
1:
R = (VCC – VLED) / I
(1)
R = (3 – 2.5) / 0.01 = 50 Ω
www.ti.com
SN54LVC08A, SN74LVC08A
SCAS283U – JANUARY 1993 – REVISED MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: SN54LVC08A SN74LVC08A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com