Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC08ABQAR Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74LVC08ABQAR
Description  SNx4LVC08A Quadruple 2-Input Positive-AND Gates
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC08ABQAR Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC08ABQAR Datasheet HTML 1Page - Texas Instruments SN74LVC08ABQAR Datasheet HTML 2Page - Texas Instruments SN74LVC08ABQAR Datasheet HTML 3Page - Texas Instruments SN74LVC08ABQAR Datasheet HTML 4Page - Texas Instruments SN74LVC08ABQAR Datasheet HTML 5Page - Texas Instruments SN74LVC08ABQAR Datasheet HTML 6Page - Texas Instruments SN74LVC08ABQAR Datasheet HTML 7Page - Texas Instruments SN74LVC08ABQAR Datasheet HTML 8Page - Texas Instruments SN74LVC08ABQAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
SNx4LVC08A Quadruple 2-Input Positive-AND Gates
1 Features
• Latch-up performance exceeds 250mA
per JESD 17
• ESD protection exceeds JESD 22
– 2000V Human-Body Model (A114-A)
– 1000V Charged-Device Model (C101)
– On products compliant to MIL-PRF-38535,
All parameters are tested unless otherwise
noted. On all other products, production
processing does not necessarily include testing
of all parameters.
• SN74LVC08A operates from 1.65V to 3.6V
• SN54LVC08A operates from 2.0V to 3.6V
• SNx4LVC08A specified from –40°C to +85°C and
–40°C to +125°C
• SN54LVC08A specified from –55°C to +125°C
• Inputs accept voltages to 5.5V
• Max tpd of 4.1ns at 3.3V
• Typical VOLP (output ground bounce)
<0.8V at VCC = 3.3V, TA = 25°C
• Typical VOHV (output VOH undershoot)
>2V at VCC = 3.3V, TA = 25°C
2 Applications
• Servers
• LED Displays
• Network Switches
• I/O Expanders
• Base Station Processor Board
3 Description
The SN54LVC08A quadruple 2-input positive-AND
gate is designed for 2.7V to 3.6V VCC operation,
and the SN74LVC08A quadruple 2-input positive-AND
gate is designed for 1.65V to 3.6V VCC operation.
The SNx4LVC08A devices perform the Boolean
function Y + A • B or Y + A ) B in positive logic.
Inputs can be driven from either 3.3V or 5V devices.
This feature allows the use of these devices as
translators in a mixed 3.3V/5V system environment.
Device Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
BODY SIZE(3)
SNx4LVC08A
BQA (WQFN, 14)
3mm × 2.5mm
3mm × 2.5mm
D (SOIC, 14)
8.65mm × 6mm
8.65 mm × 3.91 mm
DB (SSOP, 14)
6.2mm × 7.8mm
6.20 mm × 5.30 mm
NS (SOP, 14)
10.2mm × 7.8mm
10.30 mm × 5.30 mm
PW (TSSOP, 14)
5mm × 4.4mm
5.00 mm × 4.40 mm
RGY (VQFN, 14)
3.5mm × 3.5mm
3.50 mm × 3.50 mm
FK (LCCC, 20)
8.9mm x 8.9mm
8.89 mm × 8.89 mm
J (CDIP, 14)
19.55mm x 7.9mm
19.55 mm x 6.7mm
W (CFP, 14)
9.21mm x 9mm
9.21mm x 6.28mm
(1)
For more information, see Section 11.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
(3)
The body size (length × width) is a nominal value and does
not include pins.
A
B
Y
Logic Diagram, Each Gate
(Positive Logic)
SN54LVC08A, SN74LVC08A
SCAS283U – JANUARY 1993 – REVISED MARCH 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN74LVC08ABQAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC08A TI-SN74LVC08A Datasheet
111Kb / 8P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN74LVC08A TI-SN74LVC08A Datasheet
792Kb / 22P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN74LVC08A TI-SN74LVC08A Datasheet
899Kb / 24P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN74LVC08A TI1-SN74LVC08A Datasheet
1Mb / 32P
Quadruple 2-Input Positive-AND Gates
SN74LVC08A TI1-SN74LVC08A Datasheet
1Mb / 21P
SN74LVC08A-Q1 Automotive Quadruple 2-Input Positive-AND Gate
MAY 2024
More results

Similar Description - SN74LVC08ABQAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN5408 TI-SN5408 Datasheet
625Kb / 16P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54HC08 TI-SN54HC08 Datasheet
77Kb / 14P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54LVC08A TI-SN54LVC08A Datasheet
111Kb / 8P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
CD54ACT08 TI-CD54ACT08 Datasheet
302Kb / 9P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN5408 TI-SN5408_07 Datasheet
766Kb / 26P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
logo
Renesas Technology Corp
HD74LS08 RENESAS-HD74LS08 Datasheet
65Kb / 6P
Quadruple 2-Input Positive AND Gates
logo
Texas Instruments
SN54ACT08 TI-SN54ACT08_10 Datasheet
658Kb / 17P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54AHCT08 TI-SN54AHCT08_10 Datasheet
900Kb / 22P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54AHC08 TI-SN54AHC08_10 Datasheet
771Kb / 20P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
CD54ACT08 TI1-CD54ACT08_14 Datasheet
871Kb / 13P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com