Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC101CIYLT Datasheet(PDF) 7 Page - STMicroelectronics

Part # TSC101CIYLT
Description  High side current sense amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC101CIYLT Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TSC101CIYLT Datasheet HTML 3Page - STMicroelectronics TSC101CIYLT Datasheet HTML 4Page - STMicroelectronics TSC101CIYLT Datasheet HTML 5Page - STMicroelectronics TSC101CIYLT Datasheet HTML 6Page - STMicroelectronics TSC101CIYLT Datasheet HTML 7Page - STMicroelectronics TSC101CIYLT Datasheet HTML 8Page - STMicroelectronics TSC101CIYLT Datasheet HTML 9Page - STMicroelectronics TSC101CIYLT Datasheet HTML 10Page - STMicroelectronics TSC101CIYLT Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
TSC101
Electrical characteristics
7/18
Table 7.
Frequency response
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ts
Output settling to 1% final value
Vsense=10mV to 100mV,
Cload=47pF
TSC101A
3
µs
TSC101B
6
µs
TSC101C
10
µs
SR
Slew rate
Vsense=10mV to 100mV
0.55
0.9
V/µs
BW
3dB bandwidth
Cload=47pF Vicm=12V
Vsense=100mV
TSC101A
650
kHz
TSC101B
710
kHz
TSC101C
540
kHz
Table 8.
Noise
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Total output voltage noise
50
nV/
√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com