Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC101CIYLT Datasheet(PDF) 4 Page - STMicroelectronics

Part # TSC101CIYLT
Description  High side current sense amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC101CIYLT Datasheet(HTML) 4 Page - STMicroelectronics

  TSC101CIYLT Datasheet HTML 1Page - STMicroelectronics TSC101CIYLT Datasheet HTML 2Page - STMicroelectronics TSC101CIYLT Datasheet HTML 3Page - STMicroelectronics TSC101CIYLT Datasheet HTML 4Page - STMicroelectronics TSC101CIYLT Datasheet HTML 5Page - STMicroelectronics TSC101CIYLT Datasheet HTML 6Page - STMicroelectronics TSC101CIYLT Datasheet HTML 7Page - STMicroelectronics TSC101CIYLT Datasheet HTML 8Page - STMicroelectronics TSC101CIYLT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Absolute maximum ratings and operating conditions
TSC101
4/18
2
Absolute maximum ratings and operating conditions
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
Vid
Input pins differential voltage (Vp-Vm)±60
V
Vi
Input pin voltages (Vp, Vm)
(1)
1.
Voltage values are measured with respect to the GND pin.
-0.3 to 60
V
VCC
DC supply voltage(1)
-0.3 to 30
V
Vout
DC output pin voltage(1)
-0.3 to 28
V
Tstg
Storage temperature
-55 to 150
°C
Tj
Maximum junction temperature
150
°C
ESD(2)
2.
ESD test for each couple of pins.
Human body model (HBM)
2
kV
Machine model (MM)
200
V
Table 3.
Operating conditions
Symbol
Parameter
Value
Unit
VCC
DC supply voltage from Tmin to Tmax
4.0 to 28
V
Toper
Operational temperature range (Tmin to Tmax)
-40 to 125
°C
Rthja
SOT23-5 thermal resistance junction to ambient
250
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com