Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC101CIYLT Datasheet(PDF) 5 Page - STMicroelectronics

Part # TSC101CIYLT
Description  High side current sense amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC101CIYLT Datasheet(HTML) 5 Page - STMicroelectronics

  TSC101CIYLT Datasheet HTML 1Page - STMicroelectronics TSC101CIYLT Datasheet HTML 2Page - STMicroelectronics TSC101CIYLT Datasheet HTML 3Page - STMicroelectronics TSC101CIYLT Datasheet HTML 4Page - STMicroelectronics TSC101CIYLT Datasheet HTML 5Page - STMicroelectronics TSC101CIYLT Datasheet HTML 6Page - STMicroelectronics TSC101CIYLT Datasheet HTML 7Page - STMicroelectronics TSC101CIYLT Datasheet HTML 8Page - STMicroelectronics TSC101CIYLT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
TSC101
Electrical characteristics
5/18
3
Electrical characteristics
The electrical characteristics given in the following tables are measured under the following
test conditions unless otherwise specified:
Tamb=25°C, VCC=12V, Vsense=Vp-Vm=50mV, Vm=12V, no load on Out
Table 4.
Supply
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICC
Total supply current
Vsense = 0
Tmin < Tamb < Tmax
300
µA
Table 5.
Input
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Vicm
Common mode voltage range
Tmin < Tamb < Tmax
2.8
30
V
DC CMR
DC common mode rejection
Variation of Vout versus Vicm
referred to input(1)
2.8V< Vicm < 30V
Tmin < Tamb < Tmax
90
105
dB
AC CMR
AC common mode rejection
Variation of Vout versus Vicm
referred to input (peak-to-peak
voltage variation)
2.8V< Vicm < 30V
1kHz sine wave
95
dB
2.8V< Vicm < 30V
10kHz sine wave
80
dB
SVR
Supply voltage rejection
Variation of Vout versus VCC
(2)
4.0V< VCC < 28V
Vsense=30mV
Tmin < Tamb < Tmax
90
105
dB
Vos
Input offset voltage(3)
Tamb=25° C
Tmin < Tamb < Tmax
±0.2
±0.9
±1.5
±2.3
mV
dVos/dT
Input offset drift vs. T
Tmin < Tamb < Tmax
0
4.5
µV/°C
Ilk
Input leakage current
VCC=0V
Tmin < Tamb < Tmax
1µA
Iib
Input bias current
Vsense=0V
Tmin < Tamb < Tmax
5.5
8
µA
1.
See Section 4: Parameter definitions on page 8 for the definition of CMR.
2.
See Section 4: Parameter definitions on page 8 for the definition of SVR.
3.
See Section 4: Parameter definitions on page 8 for the definition of Vos.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com