Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1105 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1105
Description  ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1105 Datasheet(HTML) 1 Page - Texas Instruments

  TUSB1105 Datasheet HTML 1Page - Texas Instruments TUSB1105 Datasheet HTML 2Page - Texas Instruments TUSB1105 Datasheet HTML 3Page - Texas Instruments TUSB1105 Datasheet HTML 4Page - Texas Instruments TUSB1105 Datasheet HTML 5Page - Texas Instruments TUSB1105 Datasheet HTML 6Page - Texas Instruments TUSB1105 Datasheet HTML 7Page - Texas Instruments TUSB1105 Datasheet HTML 8Page - Texas Instruments TUSB1105 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
www.ti.com
FEATURES
APPLICATIONS
DESCRIPTION/ORDERING INFORMATION
TUSB1105, TUSB1106
ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS
SCAS818C – MAY 2006 – REVISED DECEMBER 2006
• Comply With Universal Serial Bus
• Two Single-Ended Receivers With Hysteresis
Specification Rev. 2.0
• Low-Power Operation, Ideal for Portable
• Transmit and Receive Serial Data at Both
Equipment
Full-Speed (12-Mbit/s) and Low-Speed
• Support I/O Voltage Range From 1.65 V to
(1.5-Mbit/s) Data Rates
3.6 V
• Integrated Bypassable 5-V to 3.3-V Voltage
• IEC-61000-4-2 ESD Compliant
Regulator for Powering Via USB VBUS
–
±9-kV Contact-Discharge Model
• VBUS Disconnection Indication Through VP
(D+, D–, VCC(5.0))
and VM
–
±15-kV Human-Body Model
• Used as USB Device Transceiver or USB Host
(D+, D–, VCC(5.0))
Transceiver
• Available in Small RTZ16, RGT16 (TUSB1105),
• Stable RCV Output During SE0 Condition
and TSSOP16 (TUSB1106) Packages
• Mobile Phones
• Personal Digital Assistants (PDAs)
• Information Appliances (IAs)
• Digital Still Cameras (DSCs)
The TUSB1105 and TUSB1106 universal serial bus (USB) transceivers are compliant with the Universal Serial
Bus Specification Rev. 2.0. These devices can transmit and receive serial data at both full-speed (12-Mbit/s) and
low-speed (1.5-Mbit/s) data rates. The TUSB1105 and TUSB1106 can be used as USB device transceivers or
USB host transceivers.
The devices allow USB application-specific ICs (ASICs) and programmable logic devices (PLDs), with
power-supply voltages from 1.65 V to 3.6 V, to interface with the physical layer (PHY) of the universal serial bus.
They have an integrated 5-V to 3.3-V voltage regulator for direct powering via the USB supply VBUS.
The TUSB1105 allows single-ended and differential input modes selectable by a mode (MODE) input and is
available in RGT16 and RTZ16 packages. The TUSB1106 allows only differential input mode and is available in
TSSOP16 and RTZ16 packages.
The TUSB1105 and TUSB1106 are ideal for portable electronic devices, such as mobile phones, personal digital
assistants, information appliances, and digital still cameras.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(2)
TUSB1105RGTR
ZYB
RGT16
Reel of 3000
TUSB1106RGTR
ZYC
TUSB1105RTZR
ZYB
–40
°C to 85°C
RTZ16
Reel of 1000
TUSB1106RTZR
ZYC
TSSOP16 – PW
Reel of 2000
TUSB1106PWR
Preview
RSV16
Reel of 3000
TUSB1106RSVR
Preview
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
(2)
The actual top-side marking has one additional character that designates the assembly/test site.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TUSB1105

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB1105 TI-TUSB1105 Datasheet
1Mb / 33P
ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS
TUSB1105RGTR TI-TUSB1105RGTR Datasheet
1Mb / 33P
ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS
TUSB1105RGTR TI-TUSB1105RGTR Datasheet
1Mb / 34P
ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS
TUSB1105RGTRG4 TI-TUSB1105RGTRG4 Datasheet
1Mb / 33P
ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS
TUSB1105RGTRG4 TI-TUSB1105RGTRG4 Datasheet
1Mb / 34P
ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS
More results

Similar Description - TUSB1105

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1105 PHILIPS-ISP1105 Datasheet
588Kb / 24P
Advanced Universal Serial Bus transceivers
Rev. 06-30 November 2001
ISP1107 PHILIPS-ISP1107 Datasheet
536Kb / 19P
Advanced Universal Serial Bus transceiver
Rev. 01-23 February 2000
ISP1104 PHILIPS-ISP1104 Datasheet
494Kb / 19P
Advanced Universal Serial Bus transceiver
Rev. 02-14 October 2003
logo
Texas Instruments
TUSB2551 TI-TUSB2551 Datasheet
530Kb / 18P
ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVER
TUSB2551A TI-TUSB2551A Datasheet
834Kb / 20P
ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVER
TUSB1105 TI-TUSB1105_10 Datasheet
1Mb / 33P
ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS
TUSB1106 TI-TUSB1106_10 Datasheet
1Mb / 34P
ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS
TUSB2551 TI-TUSB2551_10 Datasheet
652Kb / 20P
ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVER
logo
NXP Semiconductors
ISP1102A NXP-ISP1102A Datasheet
168Kb / 25P
Advanced Universal Serial Bus transceiver
Rev. 01-15 February 2007
logo
Texas Instruments
TUSB1106-Q1 TI1-TUSB1106-Q1 Datasheet
594Kb / 24P
ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com