Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1105 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1105
Description  ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1105 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TUSB1105 Datasheet HTML 13Page - Texas Instruments TUSB1105 Datasheet HTML 14Page - Texas Instruments TUSB1105 Datasheet HTML 15Page - Texas Instruments TUSB1105 Datasheet HTML 16Page - Texas Instruments TUSB1105 Datasheet HTML 17Page - Texas Instruments TUSB1105 Datasheet HTML 18Page - Texas Instruments TUSB1105 Datasheet HTML 19Page - Texas Instruments TUSB1105 Datasheet HTML 20Page - Texas Instruments TUSB1105 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
www.ti.com
V
(3.3)
PU
SPEED
SOFTCON
RCV
VPO/VO
VP
VM
1.65Vto3.6V
System ASIC
D–
D+
1.5kW
V
BUS
=5V
V
CC(5.0)
OE
V
reg(3.3)
SUSPND
MODE
(A)
VMO/FSE0
V
CC(I/O)
0.1µF
0.1µF
0.1µF
5V
V
CC
33 W
33 W
TUSB1105/1106
GND
GND
GND
GND
GND
Peripheral-Side (Low-Speed) Internal Regulator Mode
TUSB1105, TUSB1106
ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS
SCAS818C – MAY 2006 – REVISED DECEMBER 2006
APPLICATION INFORMATION (continued)
Figure 11. Peripheral-Side (Low-Speed) Internal Regulator Mode
A.
Only for TUSB1105
While operating at full speed, the 1.5-k
Ω resistor must be connected between the D+ line and the V
PU(3.3) or an
external 3.3-V supply. If there is no 3.3-V supply on the board, the internal regulator can be used to provide the
3.3-V supply for the USB signaling. The VCC(5.0) is connected to a 5-V supply that generates the 3.3-V rail at the
Vreg(3.3) pin. In this mode, it is important that both VCC(5.0) and Vreg(3.3) pins have individual bypass capacitors in
the range of 0.1
µF.
17
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com