Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1105 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1105
Description  ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1105 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TUSB1105 Datasheet HTML 15Page - Texas Instruments TUSB1105 Datasheet HTML 16Page - Texas Instruments TUSB1105 Datasheet HTML 17Page - Texas Instruments TUSB1105 Datasheet HTML 18Page - Texas Instruments TUSB1105 Datasheet HTML 19Page - Texas Instruments TUSB1105 Datasheet HTML 20Page - Texas Instruments TUSB1105 Datasheet HTML 21Page - Texas Instruments TUSB1105 Datasheet HTML 22Page - Texas Instruments TUSB1105 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
www.ti.com
V
pu(3.3)
V
CC(5.0)
V
reg(3.3)
1.65Vto3.6V
System ASIC
15kW
V
BUS
D–
D+
SPEED
SOFTCON
RCV
VPO/VO
VP
VM
OE
SUSPND
MODE
(A)
VMO/FSE0
V
CC(I/O)
0.1µF
V
CC
33 W
33 W
0.1µF
15kW
3.3V
TUSB1105/1106
GND
GND
GND
GND
GND
GND
Host-Side (3.3-V Supply Present) Internal Regulator Bypass Mode
TUSB1105, TUSB1106
ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS
SCAS818C – MAY 2006 – REVISED DECEMBER 2006
APPLICATION INFORMATION (continued)
A.
Only for TUSB1105
Figure 13. Host-Side (3.3-V Supply Present) Internal Regulator Bypass Mode
If a 3.3-V supply supports the USB-side power, VCC(5.0) and Vreg(3.3) must to be tied together and connected to a
3.3-V supply. It also makes the regulator inactive.
19
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com