Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8146ACPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8146ACPZ-R7
Description  Triple Differential Driver for Wideband Video
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8146ACPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8146ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8146ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8146ACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8146ACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8146ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8146ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8146ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8146ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8146ACPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AD8146/AD8147/AD8148
Rev. 0 | Page 11 of 24
TIME (ns)
1.5
–1.5
020
1.0
0.5
0
–0.5
–1.0
2
4
6
8
10121416
18
VS = ±2.5V
VS = ±5.0V
VOUT, dm = 2V p-p
TIME (ns)
Figure 12. AD8146/AD8147 Large Signal Transient Response for Various Supplies
150
–150
020
100
50
0
–50
–100
2
4
6
8
10121416
18
VOUT, dm = 0.2V p-p
VS = ±2.5V
VS = ±5.0V
Figure 13. AD8146/AD8147 Small Signal Transient Response for Various Supplies
–20
–70
11
1.5
–1.5
020
TIME (ns)
000
FREQUENCY (MHz)
10
100
–25
–30
–35
–40
–45
–50
–55
–60
–65
ΔVOUT, cm/ΔVOUT, dm
ΔVOUT, dm = 2V p-p
AD8147
AD8148
AD8146
Figure 14. Output Balance vs. Frequency
VOUT, dm = 2V p-p
VS = ±2.5V
1.0
0.5
0
–0.5
–1.0
VS = ±5.0V
2
4
6
8
10121416
18
150
–150
020
TIME (ns)
Figure 15. AD8148 Large Signal Transient Response for Various Supplies
VOUT, dm = 0.2V p-p
VS = ±2.5V
100
50
0
–50
–100
VS = ±5.0V
2
4
6
8
10121416
18
Figure 16. AD8148 Small Signal Transient Response for Various Supplies
–20
–80
11000
FREQUENCY (MHz)
ΔVOUT, dm/ΔVIN, cm
ΔVIN, cm = 2V p-p
10
100
–30
–40
–50
–60
–70
AD8148
AD8146
AD8147
Figure 17. CMRR vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com