Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8146ACPZ-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # AD8146ACPZ-R7
Description  Triple Differential Driver for Wideband Video
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8146ACPZ-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8146ACPZ-R7 Datasheet HTML 16Page - Analog Devices AD8146ACPZ-R7 Datasheet HTML 17Page - Analog Devices AD8146ACPZ-R7 Datasheet HTML 18Page - Analog Devices AD8146ACPZ-R7 Datasheet HTML 19Page - Analog Devices AD8146ACPZ-R7 Datasheet HTML 20Page - Analog Devices AD8146ACPZ-R7 Datasheet HTML 21Page - Analog Devices AD8146ACPZ-R7 Datasheet HTML 22Page - Analog Devices AD8146ACPZ-R7 Datasheet HTML 23Page - Analog Devices AD8146ACPZ-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
AD8146/AD8147/AD8148
Rev. 0 | Page 21 of 24
Figure 39 illustrates the frequency response of the pre-emphasis
network.
Figure 40 illustrates the frequency response of the pre-emphasis
circuit cascaded with the cable compared with that of the cable
alone. It can be seen that the overall response is flat to within
±0.4 dB. The ±0.4 dB ripple in the response is due to the fact
that the pre-emphasis network is linear, comprised of two real-
axis pole/zero pairs, and the cable response is nonlinear.
EXPOSED PADDLE (EP)
The 24-lead LFCSP has an exposed paddle on the underside of
its body. To achieve the specified thermal resistance, it must
have a good thermal connection to one of the PCB planes. The
exposed paddle must therefore be soldered to a pad on the top
of the board that is connected to an inner plane with several
thermal vias. The AD8147/AD8148 use the paddle as a ground
reference; therefore, for these parts, the PCB plane used must be
the ground plane.
2kΩ
2kΩ
500Ω
500Ω
49.9Ω
49.9Ω
442Ω
82.5Ω
487Ω
39.2Ω
442Ω
487Ω
75Ω
100 FEET
100Ω
UTP
AD8148
+
–
VIDEO
SOURCE
18pF
30pF
18pF
30pF
Figure 38. Pre-Emphasis Network Using the AD8148 for 30 Meters of UTP Cable
12
6
FREQUENCY (MHz)
11
10
9
8
7
100
10
1
0.1
VS = ±5V
Figure 39. AD8148 Pre-Emphasis Network Frequency Response
9
–9
0.1
FREQUENCY (MHz)
6
3
0
–3
–6
1
10
100
PRE-EMPHASIS
NETWORK
WITH CABLE
CABLE ALONE
VS = ±5V
Figure 40. AD8148 Pre-Emphasis Network Cascaded With
30 Meters of UTP Cable vs. UTP Cable Alone



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com