Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8146ACPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8146ACPZ-R7
Description  Triple Differential Driver for Wideband Video
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8146ACPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8146ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8146ACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8146ACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8146ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8146ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8146ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8146ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8146ACPZ-R7 Datasheet HTML 15Page - Analog Devices AD8146ACPZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
AD8146/AD8147/AD8148
Rev. 0 | Page 12 of 24
–20
–100
0.1
1000
FREQUENCY (MHz)
110
100
–30
–40
–50
–60
–70
–80
–90
AD8146
AD8148
AD8147
ΔVOUT, dm/ΔVS+
ΔVS = 2V p-p
Figure 18. Positive Power Supply Rejection vs. Frequency
1000
10
0.01
100000
FREQUENCY (kHz)
0.1
1
10
100
1000
10000
100
AD8148
AD8146
AD8147
VS = ±5V
Figure 19. Output-Referred Voltage Noise vs. Frequency
10
–10
01000
TIME (ns)
8
6
4
2
0
–2
–4
–6
–8
100
200
300
400
500
600
700
800
900
INPUT × 2 (VS = ±5.0V)
OUTPUT (VS = ±5.0V)
INPUT × 2 (VS = ±2.5V)
OUTPUT (VS = ±2.5V)
Figure 20. AD8146/AD8147 Output Overdrive Recovery
–20
–110
0.1
1000
FREQUENCY (MHz)
110
100
–30
–40
–50
–60
–70
–80
–90
–100
ΔVOUT, dm/ΔVS–
ΔVS = 2V p-p
AD8146
AD8148
AD8147
Figure 21. Negative Power Supply Rejection vs. Frequency
–20
–120
0.1
1000
FREQUENCY (MHz)
110
100
–30
–40
–50
–60
–70
–80
–90
–100
–110
AD8148
AD8146
AD8147
ΔVOUT, dmB/ΔVIN, dmA
ΔVIN, dmA = 1V p-p
Figure 22. Amplifier-to-Amplifier Isolation vs. Frequency
10
–10
01000
TIME (ns)
INPUT × 4 (VS = ±5.0V)
8
6
4
2
0
–2
–4
–6
–8
OUTPUT (VS = ±5.0V)
INPUT × 4 (VS = ±2.5V)
OUTPUT (VS = ±2.5V)
100
200
300
400
500
600
700
800
900
Figure 23. AD8148 Output Overdrive Recovery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com