Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8148ACPZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8148ACPZ-R7
Description  Triple Differential Driver for Wideband Video
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8148ACPZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8148ACPZ-R7 Datasheet HTML 2Page - Analog Devices AD8148ACPZ-R7 Datasheet HTML 3Page - Analog Devices AD8148ACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8148ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8148ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8148ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8148ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8148ACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8148ACPZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AD8146/AD8147/AD8148
Rev. 0 | Page 6 of 24
Parameter
Conditions
Min
Typ
Max
Unit
SYNC LEVEL INPUT
(AD8147/AD8148 ONLY)
Setting to 0.5 V Pulse Levels
0.5
V
Gain to Red Common-Mode Output
ΔVO, cm/ΔVSYNC LEVEL, AD8147/AD8148
0.88/0.925
1.07/1.00
V/V
Gain to Green Common-Mode Output
ΔVO, cm/ΔVSYNC LEVEL, AD8147/AD8148
1.83/1.85
2.05/2.00
V/V
Gain to Blue Common-Mode Output
ΔVO, cm/ΔVSYNC LEVEL, AD8147/AD8148
−1.07/−1
−0.88/−0.925
V/V
POWER SUPPLY
Operating Range
+4.5
±5.5
V
Quiescent Current Positive Supply
AD8146
50
mA
AD8147/AD8148
55.5/52
mA
Disabled, AD8146/AD8147 and AD8148
4/12
mA
Quiescent Current Negative Supply
AD8146
−50
mA
AD8147/AD8148
−55/−51
mA
Disabled, AD8146/AD8147/AD8148
−14/−18.2/−15
mA
PSRR
ΔVOUT, dm/ΔVS; ΔVS = ±1 V,
AD8146/AD8147/AD8148
−70/−54/−60
dB
OUTPUT PULL-DOWN
OPD Input Low Voltage
1.0
V
OPD Input High Voltage
2.0
V
OPD Input Bias Current
160
μA
OPD Assert Time
600
ns
OPD Deassert Time
10
ns
Output Voltage When OPD Asserted
Each output, OPD input @ VS+
−1.71
−1.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com