Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8148ACPZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8148ACPZ-R7
Description  Triple Differential Driver for Wideband Video
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8148ACPZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8148ACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8148ACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8148ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8148ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8148ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8148ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8148ACPZ-R7 Datasheet HTML 15Page - Analog Devices AD8148ACPZ-R7 Datasheet HTML 16Page - Analog Devices AD8148ACPZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
AD8146/AD8147/AD8148
Rev. 0 | Page 13 of 24
59
45
–60
120
TEMPERATURE (°C)
57
55
53
51
49
47
–40
–20
0
20
40
60
80
100
IS+ (±2.5V)
IS+ (±5.0V)
RL, dm = OPEN CIRCUIT
62
48
–60
120
TEMPERATURE (°C)
60
58
56
54
52
50
–40
–20
0
20
40
60
80
100
RL, dm = OPEN CIRCUIT
IS+ (±5.0V)
IS+ (±2.5V)
Figure 24. AD8146 Supply Current vs. Temperature
Figure 26. AD8147/AD8148 Supply Current vs. Temperature
–35
–65
1
1000
FREQUENCY (MHz)
10
100
–40
–45
–50
–55
–60
AD8146
ΔVOUT, dm/ΔVOCM
ΔVOCM =2Vp-p
1.5
–1.5
04
TIME (ns)
0
1.0
0.5
0
–0.5
–1.0
5
101520253035
±VS = 2.5V
±VS = 5.0V
VOUT, cm = 2V p-p
Figure 27. AD8146 Large Signal VOCM Transient Response for Various Supplies
Figure 25. VOCM Common-Mode Rejection Ratio



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com