Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8148ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8148ACPZ-R7
Description  Triple Differential Driver for Wideband Video
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8148ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  AD8148ACPZ-R7 Datasheet HTML 1Page - Analog Devices AD8148ACPZ-R7 Datasheet HTML 2Page - Analog Devices AD8148ACPZ-R7 Datasheet HTML 3Page - Analog Devices AD8148ACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8148ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8148ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8148ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8148ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8148ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Triple Differential Driver
for Wideband Video
AD8146/AD8147/AD8148
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
Triple high speed fully differential driver
700 MHz, −3 dB, 2 V p-p bandwidth (AD8146/AD8148)
600 MHz, −3 dB, 2 V p-p bandwidth (AD8147)
200 MHz, 0.1 dB, 2 V p-p bandwidth
3000 V/μs slew rate
Fixed gain (AD8146/AD8147: G = 2, AD8148: G = 4)
Differential or single-ended input to differential output
Can be used as differential-to-differential receiver
Drives one or two 100 Ω UTP cables
Adjustable output common-mode voltage (AD8146)
Internal common-mode feedback network
Output balance error −50 dB @ 50 MHz
On-chip, sync-on common-mode encoding (AD8147/AD8148)
Output pull-down feature for line isolation
Low power: 57 mA @ 5 V for 3 drivers (AD8146)
Wide supply voltage range: +5 V to ±5 V
Available in a small 4 mm × 4 mm LFCSP
APPLICATIONS
QXGA or 1080p video transmission
KVM networking
Video over unshielded twisted pair (UTP)
Differential signal multiplexing
FUNCTIONAL BLOCK DIAGRAMS
AD8146
OPD 1
VS– 2
–IN A 3
+IN A 4
VS– 5
VOCMC
VS+
–IN C
+IN C
VS–
18
17
16
15
14
–OUT A 6
–OUT C
13
24
23
22
21
20
19
7
8
9
10
11
12
A
B
C
Figure 1.
AD8147/
AD8148
OPD
1
VS– 2
–IN R
3
+IN R
4
VS– 5
SYNC LEVEL
VS+ (SYNC)
–IN B
+IN B
VS–
18
17
16
15
14
–OUT R
6
–OUT B
13
24
23
22
21
20
19
7
8
9
10
11
12
A
B
C
×2
Figure 2.
GENERAL DESCRIPTION
The AD8146/AD8147/AD8148 are high speed triple, differential or
single-ended input to differential output drivers. The AD8146
and AD8147 have a fixed gain of 2, and the AD8148 has a fixed
gain of 4. They are all specifically designed for the highest
resolution component video signals but can be used for any
type of analog signals or high speed data transmission over
either Category 5 UTP cable or differential printed circuit
board (PCB) transmission lines.
These drivers can be used with the AD8145 triple differential-
to-singled-ended receiver, and the AD8117 crosspoint switch to
produce a video distribution system capable of supporting
UXGA or 1080p signals.
Manufactured on the Analog Devices, Inc. second generation
XFCB bipolar process, the drivers have large signal bandwidths
of 700 MHz and fast slew rates. They have an internal common-
mode feedback feature that provides output amplitude and
phase matching that is balanced to −60 dB at 50 MHz,
suppressing even-order harmonics and minimizing radiated
electromagnetic interference (EMI).
The common-mode voltage of each AD8146 output can be set
to any level, allowing transmission of signals over the common-
mode voltages. The AD8147 and AD8148 encode the vertical
and horizontal sync signals on the common-mode voltages of
the outputs. All outputs can be independently set to low voltage
states to be used with series diodes for line isolation, allowing
easy differential multiplexing over the same twisted pair cable.
The AD8146/AD8147/AD8148 are available in a 24-lead LFCSP
and operate over a temperature range of −40°C to +85°C.


Similar Part No. - AD8148ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8148 AD-AD8148_15 Datasheet
543Kb / 24P
Triple Differential Driver for Wideband Video
REV. B
More results

Similar Description - AD8148ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1663G NEC-UPC1663G Datasheet
45Kb / 5P
ULTRA-WIDEBAND DIFFERENTIAL VIDEO AMPLIFIER
logo
California Eastern Labs
UPC1663GV CEL-UPC1663GV Datasheet
188Kb / 6P
ULTRA-WIDEBAND DIFFERENTIAL VIDEO AMPLIFIER
logo
Sanyo Semicon Device
LA73062V SANYO-LA73062V Datasheet
218Kb / 12P
Monolithic Linear IC Video Driver for Wideband
logo
New Japan Radio
NJM2504 NJRC-NJM2504 Datasheet
117Kb / 5P
VIDEO DIFFERENTIAL OUTPUT DRIVER
logo
IC-Haus GmbH
IC-HE ICHAUS-IC-HE Datasheet
371Kb / 6P
TRIPLE DIFFERENTIAL LINE DRIVER
logo
Agamem Microelectronic ...
AA7623 AGAMEM-AA7623 Datasheet
40Kb / 1P
TRIPLE CHANNEL VIDEO DRIVER
logo
Analog Devices
AD8146 AD-AD8146_15 Datasheet
543Kb / 24P
Triple Differential Driver for Wideband Video
REV. B
AD8147 AD-AD8147_15 Datasheet
543Kb / 24P
Triple Differential Driver for Wideband Video
REV. B
AD8148 AD-AD8148_15 Datasheet
543Kb / 24P
Triple Differential Driver for Wideband Video
REV. B
logo
Unisonic Technologies
VF8418 UTC-VF8418_15 Datasheet
165Kb / 6P
TRIPLE VIDEO DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com