Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEMD2 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PEMD2
Description  NPN/PNP resistor-equipped transistors; R1 = 22 kohm, R2 = 22 kohm
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PEMD2 Datasheet(HTML) 1 Page - NXP Semiconductors

  PEMD2 Datasheet HTML 1Page - NXP Semiconductors PEMD2 Datasheet HTML 2Page - NXP Semiconductors PEMD2 Datasheet HTML 3Page - NXP Semiconductors PEMD2 Datasheet HTML 4Page - NXP Semiconductors PEMD2 Datasheet HTML 5Page - NXP Semiconductors PEMD2 Datasheet HTML 6Page - NXP Semiconductors PEMD2 Datasheet HTML 7Page - NXP Semiconductors PEMD2 Datasheet HTML 8Page - NXP Semiconductors PEMD2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DATA SHEET
Preliminary specification
2001 Sep 27
DISCRETE SEMICONDUCTORS
PEMD2
NPN/PNP resistor-equipped
transistors; R1 = 22 k
Ω, R2 = 22 kΩ
M3D744


Similar Part No. - PEMD2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMD2 PHILIPS-PEMD2 Datasheet
71Kb / 10P
NPN/PNP resistor-equipped transistors; R1 = 22 kohm, R2 = 22 kohm
2004 Apr 21
PEMD2 NXP-PEMD2 Datasheet
98Kb / 16P
NPN/PNP resistor-equipped transistors; R1 = 22 kW, R2 = 22 kW
Rev. 07-24 September 2008
logo
Nexperia B.V. All right...
PEMD2 NEXPERIA-PEMD2 Datasheet
919Kb / 15P
PNP/PNP resistor-equipped transistors; R1 = 22 k, R2 = 22 k
Rev. 3 - 28 November 2011
PEMD2 NEXPERIA-PEMD2 Datasheet
1Mb / 19P
NPN/PNP resistor-equipped transistors; R1 = 22 k, R2 = 22 k
Rev. 8 - 14 November 2013
PEMD20 NEXPERIA-PEMD20 Datasheet
178Kb / 11P
NPN/PNP resistor-equipped transistors;
More results

Similar Description - PEMD2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMB1 PHILIPS-PEMB1 Datasheet
45Kb / 8P
PNP resistor-equipped transistors; R1 = 22 kohm, R2 = 22 kohm
2001 Sep 13
PEMD10 PHILIPS-PEMD10 Datasheet
47Kb / 8P
NPN/PNP resistor-equipped transistors; R1 = 2.2 kohm, R2 = 47 kohm
2001 Sep 11
PEMD3 PHILIPS-PEMD3 Datasheet
67Kb / 12P
NPN/PNP resistor-equipped transistors; R1 = 10 kohm, R2 = 10 kohm
2001 Nov 07
PEMD9 PHILIPS-PEMD9 Datasheet
67Kb / 12P
NPN/PNP resistor-equipped transistors; R1 = 10 kohm, R2 = 47 kohm
2001 Oct 22
PEMH1 PHILIPS-PEMH1 Datasheet
56Kb / 8P
NPN/NPN resistor-equipped transistors; R1 = 22 kOMH, R2 = 22 kOHM
2003 Oct 08
PUMD13 PHILIPS-PUMD13 Datasheet
56Kb / 8P
NPN/PNP resistor-equipped transistors; R1 = 4.7 kOHM, R2 = 47 kOHM
2003 Oct 08
PDTC144WK PHILIPS-PDTC144WK Datasheet
93Kb / 14P
NPN resistor-equipped transistors; R1 = 47 KOHM, R2 = 22 KOHM
2004 Aug 17
PIMD2 PHILIPS-PIMD2 Datasheet
71Kb / 10P
NPN/PNP resistor-equipped transistors; R1 = 22 kohm, R2 = 22 kohm
2004 Apr 21
PDTA124X PHILIPS-PDTA124X Datasheet
93Kb / 14P
PNP resistor-equipped transistors; R1 = 22 kohm, R2 = 47 kohm
2004 Aug 04
PDTC124X PHILIPS-PDTC124X Datasheet
83Kb / 12P
NPN resistor-equipped transistors; R1 = 22 kohm, R2 = 47 kohm
Rev. 06-14 July 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com