Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMF14 Datasheet(PDF) 4 Page - SMC Diode Solutions Co. LTD

Part # SMF14
Description  TRANSIENT VOLTAGE SUPPRESSOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

SMF14 Datasheet(HTML) 4 Page - SMC Diode Solutions Co. LTD

  SMF14 Datasheet HTML 1Page - SMC Diode Solutions Co. LTD SMF14 Datasheet HTML 2Page - SMC Diode Solutions Co. LTD SMF14 Datasheet HTML 3Page - SMC Diode Solutions Co. LTD SMF14 Datasheet HTML 4Page - SMC Diode Solutions Co. LTD SMF14 Datasheet HTML 5Page - SMC Diode Solutions Co. LTD SMF14 Datasheet HTML 6Page - SMC Diode Solutions Co. LTD SMF14 Datasheet HTML 7Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Technical Data
Data Sheet N1781, Rev. C
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
SMF5.0-SMF170A
Notes: (1) “A” Suffix Designates 5% Tolerance Devices, No Suffix Designates 10% Tolerance Devices
(2) IT pulse test:tp≤5.0mS
(3) Surge current waveform 10 / 1000 μS.
For information on tape and reel specifications, including part
orientation and tape sizes, please refer to our tape and reel
packaging specification.
DEVICE
PART NO.
MARKIN
G CODE
STAND-OFF
VOLTAGE
BREAKDOWN
VOLTAGE
VBR (V)
@IT(2)
TEST
CURRENT
MAXIMUM
CLAMPING
VOLTAGE
@IPP
MAXIMUM
PEAK
PULSE
CURRENT(3)
MAXIMUM
REVERSE
LEAKAGE
@VRWM (4)
UNI
UNI
VRWM (V)
Min.
Max.
IT(mA)
VC(V)
IPP(A)
IR(uA)
SMF110
PD
110
122.00
149.00
1
196.0
1.04
1
SMF110A
PE
110
122.00
135.00
1
177.0
1.20
1
SMF120
PF
120
133.00
163.00
1
214.0
0.95
1
SMF120A
PG
120
133.00
147.00
1
193.0
1.00
1
SMF130
PH
130
144.00
176.00
1
231.0
0.89
1
SMF130A
PK
130
144.00
159.00
1
209.0
1.00
1
SMF150
PL
150
167.00
204.00
1
268.0
0.75
1
SMF150A
PM
150
167.00
185.00
1
243.0
0.80
1
SMF160
PN
160
178.00
218.00
1
287.0
0.75
1
SMF160A
PP
160
178.00
197.00
1
259.0
0.80
1
SMF170
PQ
170
189.00
231.00
1
304.0
0.65
1
SMF170A
PR
170
189.00
209.00
1
275.0
0.70
1
Ordering Information
Marking Diagram(Except SMF5.0A)
Device
Package
Shipping
SMF5.0-SMF170A
SOD-123FL
3000pcs / reel
SMF5.0TR-
SMF170ATR
SOD-123FL
3000pcs / reel
SMF5.0A Specific Marking Diagram
Where XX is YM
KD
= Marking code
Y
= Year code
M
= Month code
Old marking is without date code.
New marking with date code is
performed from Nov, 2020.
Where XXXX is YYMM
KE
= Marking code
YY
= Year code
MM
= Month code
Old marking is without date code.
New marking with date code is
performed from 2110.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com