Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMF14 Datasheet(PDF) 2 Page - SMC Diode Solutions Co. LTD

Part # SMF14
Description  TRANSIENT VOLTAGE SUPPRESSOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

SMF14 Datasheet(HTML) 2 Page - SMC Diode Solutions Co. LTD

  SMF14 Datasheet HTML 1Page - SMC Diode Solutions Co. LTD SMF14 Datasheet HTML 2Page - SMC Diode Solutions Co. LTD SMF14 Datasheet HTML 3Page - SMC Diode Solutions Co. LTD SMF14 Datasheet HTML 4Page - SMC Diode Solutions Co. LTD SMF14 Datasheet HTML 5Page - SMC Diode Solutions Co. LTD SMF14 Datasheet HTML 6Page - SMC Diode Solutions Co. LTD SMF14 Datasheet HTML 7Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Technical Data
Data Sheet N1781, Rev. C
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
SMF5.0-SMF170A
Electrical Characteristics @TA=25°C unless otherwise specified
DEVICE
PART NO.
MARKIN
G CODE
STAND-OFF
VOLTAGE
BREAKDOWN
VOLTAGE
VBR (V)
@IT(2)
TEST
CURRENT
MAXIMUM
CLAMPING
VOLTAGE
@IPP
MAXIMUM
PEAK
PULSE
CURRENT(3)
MAXIMUM
REVERSE
LEAKAGE
@VRWM (4)
UNI
UNI
VRWM (V)
Min.
Max.
IT(mA)
VC(V)
IPP(A)
IR(uA)
SMF5.0
KD
5.00
6.40
7.82
10
9.6
20.80
400
SMF5.0A
KE
5.00
6.40
7.00
10
9.2
21.70
400
SMF6.0
KF
6.00
6.67
8.15
10
11.4
17.55
400
SMF6.0A
KG
6.00
6.67
7.37
10
10.3
19.40
400
SMF6.5
KH
6.50
7.22
8.82
10
12.3
16.30
250
SMF6.5A
KK
6.50
7.22
7.98
10
11.2
17.90
250
SMF7.0
KL
7.00
7.78
9.51
10
13.3
15.10
100
SMF7.0A
KM
7.00
7.78
8.60
10
12.0
16.70
100
SMF7.5
KN
7.50
8.33
10.20
1
14.3
14.00
50
SMF7.5A
KP
7.50
8.33
9.21
1
12.9
15.50
50
SMF8.0
KQ
8.00
8.99
10.90
1
15.0
13.35
25
SMF8.0A
KR
8.00
8.99
9.83
1
13.6
14.70
25
SMF8.5
KS
8.5
9.44
11.50
1
15.9
12.60
10
SMF8.5A
KT
8.5
9.44
10.40
1
14.4
13.90
10
SMF9.0
KU
9.0
10.00
12.20
1
16.9
11.85
5
SMF9.0A
KV
9.0
10.00
11.10
1
15.4
13.00
5
SMF10
KW
10
11.10
13.60
1
18.8
10.70
2.5
SMF10A
KX
10
11.10
12.30
1
17.0
11.80
2.5
SMF11
KY
11
12.20
14.90
1
20.1
9.95
2.5
SMF11A
KZ
11
12.20
13.50
1
18.2
11.00
2.5
SMF12
LD
12
13.30
16.30
1
22.0
9.15
2.5
SMF12A
LE
12
13.30
14.70
1
19.9
10.10
2.5
SMF13
LF
13
14.40
17.60
1
23.8
8.40
1
SMF13A
LG
13
14.40
15.90
1
21.5
9.30
1
SMF14
LH
14
15.60
19.10
1
25.8
7.75
1
SMF14A
LK
14
15.60
17.20
1
23.2
8.60
1
SMF15
LL
15
16.70
20.50
1
26.9
7.45
1
SMF15A
LM
15
16.70
18.50
1
24.4
8.20
1
SMF16
LN
16
17.80
21.80
1
28.8
6.95
1
SMF16A
LP
16
17.80
19.70
1
26.0
7.70
1
SMF17
LQ
17
18.90
23.10
1
30.5
6.50
1
SMF17A
LR
17
18.90
20.90
1
27.6
7.20
1
SMF18
LS
18
20.00
24.40
1
32.2
6.15
1
SMF18A
LT
18
20.00
22.10
1
29.2
6.80
1
SMF20
LU
20
22.20
27.10
1
35.8
5.65
1
SMF20A
LV
20
22.20
24.50
1
32.4
6.20
1
SMF22
LW
22
24.40
29.80
1
39.4
5.05
1
SMF22A
LX
22
24.40
26.90
1
35.5
5.60
1
SMF24
LY
24
26.70
32.60
1
43.0
4.60
1
SMF24A
LZ
24
26.70
29.50
1
38.9
5.10
1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com