Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMF14 Datasheet(PDF) 1 Page - SMC Diode Solutions Co. LTD

Part # SMF14
Description  TRANSIENT VOLTAGE SUPPRESSOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

SMF14 Datasheet(HTML) 1 Page - SMC Diode Solutions Co. LTD

  SMF14 Datasheet HTML 1Page - SMC Diode Solutions Co. LTD SMF14 Datasheet HTML 2Page - SMC Diode Solutions Co. LTD SMF14 Datasheet HTML 3Page - SMC Diode Solutions Co. LTD SMF14 Datasheet HTML 4Page - SMC Diode Solutions Co. LTD SMF14 Datasheet HTML 5Page - SMC Diode Solutions Co. LTD SMF14 Datasheet HTML 6Page - SMC Diode Solutions Co. LTD SMF14 Datasheet HTML 7Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Technical Data
Data Sheet N1781, Rev. C
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
SMF5.0-SMF170A
SMF5.0-SMF170A
TRANSIENT VOLTAGE SUPPRESSOR
Notes: 1. Non-repetitive current pulse and derated above TA=25℃
2. Mounted on 5.0mm2 copper pads to each terminal.
Features
Circuit Diagram
Mechanical Data
Maximum Ratings@TA=25°C unless otherwise specified
Parameter
Symbol
Value
Unit
Peak pulse power dissipation
with a 10/1000μs waveform (Note1,2)
PPPM
200
W
Peak forward surge current 8.3ms single half sine-
wave
IFSM
20
A
Forward voltage @IF=200mA
VF
1.25
V
Typical Thermal Resistance Junction to Lead
RθJL
100
°C/W
Typical Thermal Resistance Junction to Ambient
RθJA
220
°C/W
Operating Junction and Storage
Temperature Range
TJ,TSTG
-55 to +150
°C
Case: JEDEC SOD-123FL molded plastic over
passivated chip
Terminals: Solder plated, solderable per MIL-STD-750
Method 2026
Polarity: For uni-directional types the band by laser
denotes the cathode, which is positive with respect to
the anode under normal TVS operation
For surface mounted applications in order to optimize
board space
Low profile space
Glass passivated chip
Low inductance
Excellent clamping capability
Very fast response time
Typical IR less than 1μA at VRWM
This is a Halogen Free device
Terminals finish: 100% Pure Tin
200 W peak pulse power capability with a 10/1000 μs
waveform
SOD-123FL


Similar Part No. - SMF14

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
SMF14 JUXING-SMF14 Datasheet
756Kb / 4P
Glass Passivated TVS
logo
PACELEADER INDUSTRIAL
SMF14 PACELEADER-SMF14 Datasheet
214Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SMF14(C)A CHENDA-SMF14(C)A Datasheet
579Kb / 3P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF140A PANJIT-SMF140A Datasheet
121Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMF140A PANJIT-SMF140A Datasheet
109Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SMF14

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Galaxy Semi-Conductor H...
P6KE6.8 BILIN-P6KE6.8 Datasheet
256Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
1N6267 BILIN-1N6267 Datasheet
119Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
Transient Voltage Suppressor / Data Line Transient Suppressor
logo
List of Unclassifed Man...
SMAJ5913 ETC2-SMAJ5913 Datasheet
293Kb / 3P
Transient Voltage Suppressor
SMBJ5913 ETC2-SMBJ5913 Datasheet
205Kb / 3P
Transient Voltage Suppressor
SMCJ5629 ETC2-SMCJ5629 Datasheet
322Kb / 4P
Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
SMBJ-LC5.0 SUNMATE-SMBJ-LC5.0 Datasheet
295Kb / 4P
Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com