Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LC41P Datasheet(PDF) 7 Page - Microchip Technology

Part # 24LC41P
Description  1K/4K 2.5V Dual Mode, Dual Port I2C??Serial EEPROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC41P Datasheet(HTML) 7 Page - Microchip Technology

Back Button 24LC41P Datasheet HTML 3Page - Microchip Technology 24LC41P Datasheet HTML 4Page - Microchip Technology 24LC41P Datasheet HTML 5Page - Microchip Technology 24LC41P Datasheet HTML 6Page - Microchip Technology 24LC41P Datasheet HTML 7Page - Microchip Technology 24LC41P Datasheet HTML 8Page - Microchip Technology 24LC41P Datasheet HTML 9Page - Microchip Technology 24LC41P Datasheet HTML 10Page - Microchip Technology 24LC41P Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
 2004 Microchip Technology Inc.
DS21140F-page 7
24LC41
FIGURE 3-1:
DATA TRANSFER SEQUENCE ON THE SERIAL BUS
FIGURE 3-2:
BUS TIMING START/STOP
FIGURE 3-3:
BUS TIMING DATA
FIGURE 3-4:
CONTROL BYTE ALLOCATION
DSCL
DSDA
(A)(B)
(D)
(D)
(C)
(A)
Start
Condition
Address or
Acknowledge
Valid
Data
Allowed
to Change
Stop
Condition
or
MSCL
or
MSDA
MSCL
DSDA
TSU:STA
THD:STA
Start
Stop
VHYS
TSU:STO
or
MSCL
IN
or
MSDA
IN
DSCL
DSDA
DSDA
THD:STA
TSU:STA
TF
THIGH
TR
TSU:STO
TSU:DAT
THD:DAT
TBUF
TAA
THD:STA
TAA
TSP
TLOW
or
MSCL
IN
OR
MSDA
IN
OR
MSDA
OUT
X = Don’t care. B0 is don’t care for DDC Monitor Port, but is used by the Microcontroller Access Port to select which of the two 256
word blocks of memory are to be accessed.
R/W
A
1
0
10X
X
X
READ/WRITE
Start
SLAVE ADDRESS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com