Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LC41P Datasheet(PDF) 8 Page - Microchip Technology

Part # 24LC41P
Description  1K/4K 2.5V Dual Mode, Dual Port I2C??Serial EEPROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC41P Datasheet(HTML) 8 Page - Microchip Technology

Back Button 24LC41P Datasheet HTML 4Page - Microchip Technology 24LC41P Datasheet HTML 5Page - Microchip Technology 24LC41P Datasheet HTML 6Page - Microchip Technology 24LC41P Datasheet HTML 7Page - Microchip Technology 24LC41P Datasheet HTML 8Page - Microchip Technology 24LC41P Datasheet HTML 9Page - Microchip Technology 24LC41P Datasheet HTML 10Page - Microchip Technology 24LC41P Datasheet HTML 11Page - Microchip Technology 24LC41P Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
24LC41
DS21140F-page 8
 2004 Microchip Technology Inc.
4.0
WRITE OPERATION
Write operations are identical for the DDC Monitor Port
(when in Bidirectional mode) and the Microcontroller
Access Port, with the exception of the VCLK/DWP and
MWP pins noted in the next sections. Data can be
written using either a Byte Write or Page Write
command. Write commands for the DDC Monitor Port
and the Microcontroller Access Port are completely
independent of one another.
4.1
Byte Write
Following the Start signal from the master, the slave
address (4-bits), the Chip Select bits (3-bits) and the
R/W bit which is a logic low is placed onto the bus by
the master transmitter. This indicates to the addressed
slave receiver that a byte with a word address will
follow after it has generated an Acknowledge bit during
the ninth clock cycle. Therefore, the next byte transmit-
ted by the master is the word address and will be
written into the address pointer of the port. After
receiving another Acknowledge signal from the port,
the master device will transmit the data word to be
written into the addressed memory location. The port
acknowledges again and the master generates a Stop
condition. This initiates the internal write cycle, and
during this time, the port will not generate Acknowledge
signals (Figure 4-1).
For the DDC Monitor Port it is required that VCLK/DWP
be held at a logic high level in order to program the
device. This applies to byte write and page write
operation. Note that VCLK/DWP can go low while the
device is in its self-timed program operation and not
affect programming.
For the Microcontroller Access Port, the MWP pin must
be held to VSS during the entire write operation.
4.2
Page Write
The write control byte, word address, and the first data
byte are transmitted to the port in the same way as in a
byte write. But, instead of generating a Stop condition,
the master transmits up to eight data bytes to the DDC
Monitor Port or 16 bytes to the Microcontroller Access
Port, which are temporarily stored in the on-chip page
buffer and will be written into the memory after the
master has transmitted a Stop condition. After the
receipt of each word, the three lower order address
pointer bits are internally incremented by one. The
higher order 5-bits of the word address remains
constant. If the master should transmit more than eight
words to the DDC Monitor Port or 16 words to the
Microcontroller Access Port prior to generating the Stop
condition, the address counter will roll over and the
previously received data will be overwritten. As with the
byte write operation, once the Stop condition is
received an internal write cycle will begin (Figure 4-2).
For the DDC Monitor Port, it is required thatVCLK/
DWP be held at a logic high level in order to program
the device. This applies to byte write and page write
operation. Note that VCLK/DWP can go low while the
device is in its self-timed program operation and not
affect programming.
For the Microcontroller Access Port, the MWP pin must
be held to VSS during the entire write operation..
Note:
Page write operations are limited to writing
bytes within a single physical page,
regardless of the number of bytes actually
being written. Physical page boundaries
start at addresses that are integer multi-
ples of the page buffer size (or ‘page size’)
and end at addresses that are integer
multiples of [page size - 1]. If a Page Write
command attempts to write across a
physical page boundary, the result is that
the data wraps around to the beginning of
the
current
page
(overwriting
data
previously stored there), instead of being
written to the next page as might be
expected. It is therefore necessary for the
application software to prevent page write
operations that would attempt to cross a
page boundary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com