Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LC41P Datasheet(PDF) 2 Page - Microchip Technology

Part # 24LC41P
Description  1K/4K 2.5V Dual Mode, Dual Port I2C??Serial EEPROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC41P Datasheet(HTML) 2 Page - Microchip Technology

  24LC41P Datasheet HTML 1Page - Microchip Technology 24LC41P Datasheet HTML 2Page - Microchip Technology 24LC41P Datasheet HTML 3Page - Microchip Technology 24LC41P Datasheet HTML 4Page - Microchip Technology 24LC41P Datasheet HTML 5Page - Microchip Technology 24LC41P Datasheet HTML 6Page - Microchip Technology 24LC41P Datasheet HTML 7Page - Microchip Technology 24LC41P Datasheet HTML 8Page - Microchip Technology 24LC41P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
24LC41
DS21140F-page 2
 2004 Microchip Technology Inc.
1.0
ELECTRICAL CHARACTERISTICS
1.1
Absolute Maximum Ratings(†)
VCC.............................................................................................................................................................................7.0V
All inputs and outputs w.r.t. VSS ......................................................................................................... -0.6V to VCC +1.0V
Storage temperature ...............................................................................................................................-65°C to +150°C
Ambient temperature with power applied ................................................................................................-65°C to +125°C
ESD protection on all pins
......................................................................................................................................................≥ 4 kV
TABLE 1-1:
DC CHARACTERISTICS
† NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to
the device. This is a stress rating only and functional operation of the device at those or any other conditions
above those indicated in the operational listings of this specification is not implied. Exposure to maximum rating
conditions for extended periods may affect device reliability.
DC CHARACTERISTICS
VCC = +2.5V to 5.5V
Commercial (C):
TA = 0°C to +70°C
Industrial (I):
TA = -40°C to +85°C
Parameter
Symbol
Min
Max
Units
Conditions
DSCL, DSDA, MSCL & MSDA pins:
High-level input voltage
Low-level input voltage
VIH
VIL
.7 VCC
.3 VCC
V
V
Input levels on VCLK/DWP pin:
High-level input voltage
Low-level input voltage
VIH
VIL
2.0
.8
.2 VCC
V
V
VCC
≥ 2.7V (Note)
VCC < 2.7V (Note)
Hysteresis of Schmitt Trigger inputs
VHYS
.05 VCC
—V
(Note)
Low-level output voltage
VOL1
—.4
V
IOL = 3 mA, VCC = 2.5V (Note)
Low-level output voltage
VOL2
—.6
V
IOL = 6 mA, VCC = 2.5V
Input leakage current
ILI
—±1
µAVIN = .1V to VCC
Output leakage current
ILO
—±1
µAVOUT = .1V to VCC
Pin capacitance (all inputs/outputs)
CIN, COUT
—10
pF
VCC = 5.0V (Note),
TA = 25
°C, FCLK = 1 MHz
Operating current
ICC Write
ICC Read
3
1
mA
mA
VCC = 5.5V, DSCL or
MSCL = 400 kHz
Standby current
ICCS
60
200
µA
µA
VCC = 3.0V, DSDA or
MSDA = DSCL or MSCL = VCC
VCC = 5.5V, DSDA or
MSDA = DSCL or MSCL = VCC
VCLK = VSS
Note:
This parameter is periodically sampled and not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com