Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRGS14C40LPBF Datasheet(PDF) 3 Page - International Rectifier

Part # IRGS14C40LPBF
Description  IGBT with on-chip Gate-Emitter and Gate-Collector clamps
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGS14C40LPBF Datasheet(HTML) 3 Page - International Rectifier

  IRGS14C40LPBF Datasheet HTML 1Page - International Rectifier IRGS14C40LPBF Datasheet HTML 2Page - International Rectifier IRGS14C40LPBF Datasheet HTML 3Page - International Rectifier IRGS14C40LPBF Datasheet HTML 4Page - International Rectifier IRGS14C40LPBF Datasheet HTML 5Page - International Rectifier IRGS14C40LPBF Datasheet HTML 6Page - International Rectifier IRGS14C40LPBF Datasheet HTML 7Page - International Rectifier IRGS14C40LPBF Datasheet HTML 8Page - International Rectifier IRGS14C40LPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
www.irf.com
11/19/04
IRGS14C40LPbF
IRGSL14C40LPbF
IRGB14C40LPbF
Ignition IGBT
Page 3
Fig.4 - Typical VCE vs TJ
VGE=4.5V
1.0
1.1
1.2
1.3
1.4
1.5
1.6
-50
0
50
100
150
200
TJ (°C)
IC = 7A
IC = 10A
Fig.3 - Transfer Characteristics
VCE=20V; tp=20µs
0
10
20
30
40
50
60
70
80
90
100
02
46
8
10
VGE (V)
TJ = 25°C
TJ = 125°C
Fig.1 - Typ. Output Characteristics
TJ=25°C
0
10
20
30
40
50
60
01
2345
6
VCE (V)
VGE = 10 V
VGE = 5.0V
VGE = 4.5V
VGE = 4.0V
VGE = 3.7V
Fig.2 - Typ. Output Characteristics
TJ=125°C
0
10
20
30
40
50
60
0
123
456
VCE (V)
VGE = 10 V
VGE = 5.0V
VGE = 4.5V
VGE = 4.0V
VGE = 3.7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com