Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRGS14C40LPBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRGS14C40LPBF
Description  IGBT with on-chip Gate-Emitter and Gate-Collector clamps
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGS14C40LPBF Datasheet(HTML) 6 Page - International Rectifier

Back Button IRGS14C40LPBF Datasheet HTML 2Page - International Rectifier IRGS14C40LPBF Datasheet HTML 3Page - International Rectifier IRGS14C40LPBF Datasheet HTML 4Page - International Rectifier IRGS14C40LPBF Datasheet HTML 5Page - International Rectifier IRGS14C40LPBF Datasheet HTML 6Page - International Rectifier IRGS14C40LPBF Datasheet HTML 7Page - International Rectifier IRGS14C40LPBF Datasheet HTML 8Page - International Rectifier IRGS14C40LPBF Datasheet HTML 9Page - International Rectifier IRGS14C40LPBF Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
www.irf.com
11/19/04
IRGS14C40LPbF
IRGSL14C40LPbF
IRGB14C40LPbF
Ignition IGBT
Page 6
Fig.13 - Self-clamped Inductive Switching Waveform
L=4.7mH; TC=25°C; used circuit in Fig.14
0
2
4
6
8
10
12
-2.E-05
-1.E-05
0.E+00
1.E-05
2.E-05
3.E-05
4.E-05
5.E-05
6.E-05
time
-100
0
100
200
300
400
500
V clamp
I CE
Fig.12 - Switching Waveform for Time Measurement
VGE= 5V; RG= 1K
Ω; L= 1mH; VCE= 14V; used circuit in Fig.14
-50
0
50
100
150
200
250
300
350
400
450
-14
-10
-6
-2
2
6
10
14
t (µs)
-2
-1
0
1
2
3
4
5
6
7
8
Vcl (measured)
VClamp
VGE
t d (o f f )
t r



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com