Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRGS14C40LPBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRGS14C40LPBF
Description  IGBT with on-chip Gate-Emitter and Gate-Collector clamps
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGS14C40LPBF Datasheet(HTML) 4 Page - International Rectifier

  IRGS14C40LPBF Datasheet HTML 1Page - International Rectifier IRGS14C40LPBF Datasheet HTML 2Page - International Rectifier IRGS14C40LPBF Datasheet HTML 3Page - International Rectifier IRGS14C40LPBF Datasheet HTML 4Page - International Rectifier IRGS14C40LPBF Datasheet HTML 5Page - International Rectifier IRGS14C40LPBF Datasheet HTML 6Page - International Rectifier IRGS14C40LPBF Datasheet HTML 7Page - International Rectifier IRGS14C40LPBF Datasheet HTML 8Page - International Rectifier IRGS14C40LPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
www.irf.com
11/19/04
IRGS14C40LPbF
IRGSL14C40LPbF
IRGB14C40LPbF
Ignition IGBT
Page 4
Fig.7 - Typ. Gate Charge vs VGE
IC=10A; VCE=12V; VGE=5V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
5
10
15
20
25
30
QG, Total Gate Charge (nC)
Fig.6 - Typ. Capacitance vs VCE
VGE=0V; VCE=25V; f=1MHz
1
10
100
1000
110
100
VCE (V)
C ies
C res
C oes
Fig.8 - Typical VCE vs VGE
0
2
4
6
8
10
12
14
16
18
20
2.5
3
3.5
4
4.5
VGE (V)
IC= 7A; 125°C
IC = 7A; 25°C
IC=10A; 125°C
IC=10A; 25°C
Fig.5 - Typical VGE(th) vs TJ
IC=1mA
1.0
1.2
1.4
1.6
1.8
2.0
2.2
-50
0
50
100
150
200
TJ (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com