Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9516-3/PCBZ Datasheet(PDF) 56 Page - Analog Devices

Part # AD9516-3/PCBZ
Description  14-Output Clock Generator with Integrated 2.0 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9516-3/PCBZ Datasheet(HTML) 56 Page - Analog Devices

Back Button AD9516-3/PCBZ Datasheet HTML 52Page - Analog Devices AD9516-3/PCBZ Datasheet HTML 53Page - Analog Devices AD9516-3/PCBZ Datasheet HTML 54Page - Analog Devices AD9516-3/PCBZ Datasheet HTML 55Page - Analog Devices AD9516-3/PCBZ Datasheet HTML 56Page - Analog Devices AD9516-3/PCBZ Datasheet HTML 57Page - Analog Devices AD9516-3/PCBZ Datasheet HTML 58Page - Analog Devices AD9516-3/PCBZ Datasheet HTML 59Page - Analog Devices AD9516-3/PCBZ Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 84 page
background image
AD9516-3
Rev. 0 | Page 56 of 84
REGISTER MAP OVERVIEW
Table 51. Register Map Overview
Addr
(Hex)
Parameter
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Value
(Hex)
Serial Port Configuration
00
Serial Port
Configuration
SDO
Active
LSB First
Soft Reset
Long
Instruction
Long
Instruction
Soft Reset
LSB First
SDO Active
18
01
Blank
02 to
03
Reserved
04
Read Back
Control
Blank
Read Back
Active
Registers
00
PLL
10
PFD and
Charge Pump
PFD
Polarity
Charge Pump Current
Charge Pump Mode
PLL Power-Down
7D
11
R Counter
14-Bit R Divider Bits<7:0> (LSB)
01
12
Blank
14-Bit R Divider Bits<13:8> (MSB)
00
13
A Counter
Blank
6-Bit A Counter
00
14
B Counter
13-Bit B Counter Bits<7:0> (LSB)
03
15
Blank
13-Bit B Counter Bits<12:8> (MSB)
00
16
PLL Control 1
Set CP Pin
to VCP/2
Reset R
Counter
Reset A and
B Counters
Reset All
Counters
B Counter
Bypass
Prescaler P
06
17
PLL Control 2
STATUS Pin Control
Antibacklash Pulse Width
00
18
PLL Control 3
Reserved
Lock Detect Counter
Digital Lock
Detect
Window
Disable
Digital Lock
Detect
VCO Calibration Divider
VCO Cal
Now
06
19
PLL Control 4
R, A, B Counters SYNC
Pin Reset
R Path Delay
N Path Delay
00
1A
PLL Control 5
Reserved
Reference
Frequency
Monitor
Threshold
LD Pin Control
00
1B
PLL Control 6
VCO
Frequency
Monitor
REF2
(REFIN)
Frequency
Monitor
REF1 (REFIN)
Frequency
Monitor
REFMON Pin Control
00
1C
PLL Control 7
Disable
Switchover
Deglitch
Select
REF2
Use
REF_SEL Pin
Automatic
Reference
Switchover
Stay on
REF2
REF2
Power On
REF1
Power On
Differential
Reference
00
1D
PLL Control 8
Reserved
PLL Status
Register
Disable
LD Pin
Comparator
Enable
Holdover
Enable
External
Holdover
Control
Holdover
Enable
00
1E
PLL Control 9
Reserved
00
1F
PLL Readback
Reserved
VCO Cal
Finished
Holdover
Active
REF2
Selected
VCO
Frequency
>Threshold
REF2
Frequency
> Threshold
REF1
Frequency
> Threshold
Digital
Lock
Detect
--
20 to
4F
Blank



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com