Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9516-3/PCBZ Datasheet(PDF) 78 Page - Analog Devices

Part # AD9516-3/PCBZ
Description  14-Output Clock Generator with Integrated 2.0 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9516-3/PCBZ Datasheet(HTML) 78 Page - Analog Devices

Back Button AD9516-3/PCBZ Datasheet HTML 74Page - Analog Devices AD9516-3/PCBZ Datasheet HTML 75Page - Analog Devices AD9516-3/PCBZ Datasheet HTML 76Page - Analog Devices AD9516-3/PCBZ Datasheet HTML 77Page - Analog Devices AD9516-3/PCBZ Datasheet HTML 78Page - Analog Devices AD9516-3/PCBZ Datasheet HTML 79Page - Analog Devices AD9516-3/PCBZ Datasheet HTML 80Page - Analog Devices AD9516-3/PCBZ Datasheet HTML 81Page - Analog Devices AD9516-3/PCBZ Datasheet HTML 82Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 84 page
background image
AD9516-3
Rev. 0 | Page 78 of 84
Table 60. System
Reg.
Addr
(Hex) Bit(s) Name
Description
230
<2>
Power-Down SYNC
Power down the SYNC function.
<2> = 0; normal operation of the SYNC function.
<2> = 1; power-down SYNC circuitry.
230
<1>
Power-Down Distribution Reference
Power down the reference for distribution section.
<1> = 0; normal operation of the reference for the distribution section.
<1> = 1; power down the reference for the distribution section.
230
<0>
Soft SYNC
The soft SYNC bit works the same as the SYNC pin, except that the polarity of the bit is
reversed. That is, a high level forces selected channels into a predetermined static
state, and a 1-to-0 transition triggers a SYNC.
<0> = 0; same as SYNC high.
<0> = 1; same as SYNC low.
Table 61. Update All Registers
Reg.
Addr
(Hex) Bit(s) Name
Description
232
<0>
Update All
Registers
This bit must be set to 1 to transfer the contents of the buffer registers into the active registers. This happens
on the next SCLK rising edge. This bit is self-clearing; that is, it does not have to be set back to 0.
<0> = 1 (self-clearing); update all active registers to the contents of the buffer registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com