Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9516-3/PCBZ Datasheet(PDF) 58 Page - Analog Devices

Part # AD9516-3/PCBZ
Description  14-Output Clock Generator with Integrated 2.0 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9516-3/PCBZ Datasheet(HTML) 58 Page - Analog Devices

Back Button AD9516-3/PCBZ Datasheet HTML 54Page - Analog Devices AD9516-3/PCBZ Datasheet HTML 55Page - Analog Devices AD9516-3/PCBZ Datasheet HTML 56Page - Analog Devices AD9516-3/PCBZ Datasheet HTML 57Page - Analog Devices AD9516-3/PCBZ Datasheet HTML 58Page - Analog Devices AD9516-3/PCBZ Datasheet HTML 59Page - Analog Devices AD9516-3/PCBZ Datasheet HTML 60Page - Analog Devices AD9516-3/PCBZ Datasheet HTML 61Page - Analog Devices AD9516-3/PCBZ Datasheet HTML 62Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 84 page
background image
AD9516-3
Rev. 0 | Page 58 of 84
Addr
(Hex)
Parameter
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Value
(Hex)
144 to
18F
Blank
LVPECL Channel Dividers
190
Divider 0
(PECL)
Divider 0 Low Cycles
Divider 0 High Cycles
00
191
Divider 0
Bypass
Divider 0
Nosync
Divider 0
Force High
Divider 0
Start High
Divider 0 Phase Offset
80
192
Blank
Reserved
Divider 0
Direct to
Output
Divider 0
DCCOFF
00
193
Divider 1
(PECL)
Divider 1 Low Cycles
Divider 1 High Cycles
BB
194
Divider 1
Bypass
Divider 1
Nosync
Divider 1
Force High
Divider 1
Start High
Divider 1 Phase Offset
00
195
Blank
Reserved
Divider 1
Direct to
Output
Divider 1
DCCOFF
00
196
Divider 2
(PECL)
Divider 2 Low Cycles
Divider 2 High Cycles
00
197
Divider 2
Bypass
Divider 2
Nosync
Divider 2
Force High
Divider 2
Start High
Divider 2 Phase Offset
00
198
Blank
Reserved
Divider 2
Direct to
Output
Divider 2
DCCOFF
00
LVDS/CMOS Channel Dividers
199
Divider 3
(LVDS/CMOS)
Low Cycles Divider 3.1
High Cycles Divider 3.1
22
19A
Phase Offset Divider 3.2
Phase Offset Divider 3.1
00
19B
Low Cycles Divider 3.2
High Cycles Divider 3.2
11
19C
Reserved
Bypass
Divider 3.2
Bypass
Divider 3.1
Divider 3
Nosync
Divider 3
Force High
Start High
Divider 3.2
Start High
Divider 3.1
00
19D
Blank
Reserved
Divider 3
DCCOFF
00
19E
Divider 4
(LVDS/CMOS)
Low Cycles Divider 4.1
High Cycles Divider 4.1
22
19F
Phase Offset Divider 4.2
Phase Offset Divider 4.1
00
1A0
Low Cycles Divider 4.2
High Cycles Divider 4.2
11
1A1
Reserved
Bypass
Divider 4.2
Bypass
Divider 4.1
Divider 4
Nosync
Divider 4
Force High
Start High
Divider 4.2
Start High
Divider 4.1
00
1A2
Blank
Reserved
Divider 4
DCCOFF
00
1A3
Reserved
1A4
to
1DF
Blank
VCO Divider and CLK Input
1E0
VCO Divider
Blank
Reserved
VCO Divider
02
1E1
Input CLKs
Reserved
Power-
Down
Clock
Input
Section
Power-Down
VCO Clock
Interface
Power-
Down VCO
and CLK
Select
VCO or CLK
Bypass
VCO
Divider
00
1E2
to
22A
Blank



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com